Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4802T Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA4802T
Description  Headphone Stereo Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4802T Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA4802T Datasheet HTML 1Page - Sanyo Semicon Device LA4802T Datasheet HTML 2Page - Sanyo Semicon Device LA4802T Datasheet HTML 3Page - Sanyo Semicon Device LA4802T Datasheet HTML 4Page - Sanyo Semicon Device LA4802T Datasheet HTML 5Page - Sanyo Semicon Device LA4802T Datasheet HTML 6Page - Sanyo Semicon Device LA4802T Datasheet HTML 7Page - Sanyo Semicon Device LA4802T Datasheet HTML 8Page - Sanyo Semicon Device LA4802T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ordering number : ENN6657
72502RM (OT) No. 6657-1/10
Overview
The LA4802T is a headphone stereo power amplifier for
portable CD and MD players. It features a high signal-to-
noise ratio, a high ripple rejection ratio, low distortion,
and low current drain.
Functions
• Headphone stereo power amplifier
• Power switch
• Muting switch
• Beep tone function control input pin (The beep tone
function can be used regardless of whether the mute
function is on or off.)
Features
• High signal-to-noise ratio (100 dB typical at 7.5 µV)
• High ripple rejection ratio (70 dB typical)
• Low current drain (950 µA typical)
• On-chip bass compensation circuit
(Compensates for bass frequency attenuation due to the
output capacitors and achieves flat frequency
characteristics.)
• Ultraminiature package (MSOP-20)
Package Dimensions
unit: mm
3262-MSOP20
5.2
0.5
(0.35)
0.125
1
10
20
11
0.2
SANYO: MSOP20
[LA4802T]
LA4802T
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Headphone Stereo Power Amplifier
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.5
V
Allowable power dissipation
Pd max
When mounted, Ta = 80°C
375
mW
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C


Numéro de pièce similaire - LA4802T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
More results

Description similaire - LA4802T

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com