Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4742 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LA4742
Description  45 W Four-Channel Bridge Circuit Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4742 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

  LA4742 Datasheet HTML 1Page - Sanyo Semicon Device LA4742 Datasheet HTML 2Page - Sanyo Semicon Device LA4742 Datasheet HTML 3Page - Sanyo Semicon Device LA4742 Datasheet HTML 4Page - Sanyo Semicon Device LA4742 Datasheet HTML 5Page - Sanyo Semicon Device LA4742 Datasheet HTML 6Page - Sanyo Semicon Device LA4742 Datasheet HTML 7Page - Sanyo Semicon Device LA4742 Datasheet HTML 8Page - Sanyo Semicon Device LA4742 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
No. 7043-7/9
LA4742
50
0
100
150
200
250
300
0
5
10
15
20
25
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
0.01
1
0
2
3
4
5
10
2
3
5
7 100
2
3
5
7 1k
2
3
5
7 10k
8
12
16
4
20
24
28
32
36
40
44
48
8
10
12
14
16
18
20
2
3
5
7
0.1
2
3
5
7
1
2
3
5
7
10
2
3
5
7
100
0.01
0.1
2
3
5
7
1
2
3
5
7
10
2
3
5
7 100
2
3
5
7
0.1
2
3
5
7
1
2
3
5
7
10
2
3
5
7
100
0.01
0.1
3
5
7
1
2
3
5
7
10
2
3
5
7 100
2
2
3
5
7
0.1
2
3
5
7
1
2
3
5
7
10
2
3
5
7
100
0.01
0.1
2
3
5
7
1
2
3
5
7
10
2
3
5
7 100
–10
–8
–6
–4
–2
0
2
4
10
ICCO, VN — VCC
I CCO
ICCO
VN
VN
2.2
µF
OUT1, 3
OUT2, 4
OUT2,
4
PO — VIN
PO — VCC
RL=Open
Rg=0
Vst=5 V
THD — PO
THD — PO
f — Response
THD — f
VCC=14.4V
RL=4Ω
f=1kHz
Rg=600
VG=26dB
All channels driven
VCC=14.4V
RL=4Ω
f=100Hz
Rg=600
All channels driven
VCC=14.4V
RL=4Ω
f=1kHz
Rg=600
All channels driven
VCC=14.4V
RL=4Ω
Rg=600
PO=2W
All channels driven
VCC=14.4V
RL=4Ω
Rg=600
VO=0 dBm at f = 1 kHz
ALL channels driven
VCC=14.4V
RL=4Ω
f=10kHz
Rg=600
All channels driven
RL=4Ω
f=1kHz
Rg=600
THD=10%
All channels driven
2
3
5
7
0.1
2
3
5
7
1
2
3
5
7
10
0.01
10
2 3
5 7 100
2 3
5 7 100 2 3 5 7 1k
2 3
5 7 10k
2 3
5 7100k
2 3
5 7 1k
2 3
5 7 10k
2 3
5 7100k
THD — PO
Supply voltage, VCC — V
Input level, VIN — mVrms
Supply voltage, VCC — V
Output power, PO — W
Output power, PO — W
Output power, PO — W
Input frequency, f — Hz
Input frequency, f — Hz


Numéro de pièce similaire - LA4742

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
LA4743 SANYO-LA4743 Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

Description similaire - LA4742

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com