Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4708 Datasheet(Fiches technique) 6 Page - Sanyo Semicon Device

Numéro de pièce LA4708
Description  20 W 2-channel BTL AF Power Amplifier for Car Stereos
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo 

LA4708 Datasheet(HTML) 6 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Supply voltage, VCC —V
Input level, VIN — mVrms
Dual channel drive
Supply voltage, VCC —V
Dual channel drive
Exceeding
Pd max
Supply voltage, VCC —V
Dual channel drive
Output power, PO —W
Dual channel drive
Output power, PO —W
Dual channel drive
Input frequency,f—Hz
Input frequency,f—Hz
VO =0dBm atf=1kHz
LA4708
No.5245 -6/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn