Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA4555 Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce LA4555
Description  2-Channel AF Power Amplifier for Radio, Tape Recorder Use
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo 

LA4555 Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Monolithic Linear IC
2-Channel AF Power Amplifier
for Radio, Tape Recorder Use
Ordering number:ENN1697B
LA4555
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21800TN (KT)/90196RM/O147KI/5275MW, TS No.1697–1/10
Package Dimensions
unit:mm
3022A-DIP12F
[LA4555]
SANYO : DIP12F
Features
• Low quiescent current.
• On-chip 2 channels permitting use in stereo and bridge
amplifier applications.
• High output.
• Minimum number of external parts required.
(9 pcs. munimum)
• Good ripple rejection (at steady state).
• Soft tone at the output saturation mode.
• Good channel separation.
• Easy thermal design.
• Small pop noise at the time of power supply ON/OFF.
˚C
˚C
Operating Conditions at Ta = 25˚C
Specifications
Absolute Maximum Ratings at Ta = 25˚C
1
6
12
7
19.4
0.81
2.54
5.12
1.3
3.6
0.5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m
3
1V
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P
t
i
u
c
r
i
c
d
e
t
n
i
r
p
e
l
p
m
a
s
e
e
S
(
B
C
P
d
e
d
n
e
m
m
o
c
e
r
h
t
i
W
)
.
n
r
e
t
t
a
p
4W
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
7
+
o
t
0
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
d
e
d
n
e
m
m
o
c
e
RV C
C
9
,
6V
e
c
n
a
t
s
i
s
e
r
d
a
o
LRL
V
6
o
e
r
e
t
S
8
o
t
2
V
6
L
T
B
8
o
t
4
V
9
o
e
r
e
t
S
8
o
t
4
V
9
L
T
B
8
e
g
n
a
r
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
OV C
C
p
o
2
1
o
t
6
.
3V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn