Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4445 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA4445
Description  5.5W 2-Channel AF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4445 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA4445 Datasheet HTML 1Page - Sanyo Semicon Device LA4445 Datasheet HTML 2Page - Sanyo Semicon Device LA4445 Datasheet HTML 3Page - Sanyo Semicon Device LA4445 Datasheet HTML 4Page - Sanyo Semicon Device LA4445 Datasheet HTML 5Page - Sanyo Semicon Device LA4445 Datasheet HTML 6Page - Sanyo Semicon Device LA4445 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA4445
No.1277–2/7
Operating Characteristics at Ta = 25˚C, VCC=13.2V, RL=4Ω, f=1kHz, Rg=600Ω, with 100×100×1.5mm3
Al heat sink, See specified Test Circuit.
Equivalent Circuit Block Diagram
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
QI
o
c
c
5
70
5
1A
m
n
i
a
g
e
g
a
t
l
o
VVG
5
.
9
45
.
1
55
.
3
5B
d
r
e
w
o
p
t
u
p
t
u
OPO
s
l
e
n
n
a
h
c
2
,
%
0
1
=
D
H
T0
.
55
.
5W
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TD
H
TPO W
1
=5
1
.
00
.
1%
e
c
n
a
t
s
i
s
e
r
t
u
p
n
Iri
0
3k
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
t
u
OV O
N
0
=
g
R6
.
00
.
1V
m
k
0
1
=
g
R
0
.
10
.
2V
m
n
o
i
t
c
e
j
e
r
e
l
p
p
i
RRr
V
,
0
=
g
R
R
f
,
V
m
0
0
2
=
R
z
H
0
0
1
=6
4B
d
n
o
i
t
a
r
a
p
e
s
l
e
n
n
a
h
Cp
e
s
h
Ck
0
1
=
g
R
Ω V
,
O
m
B
d
0
=5
45
5B
d
Sample Application Circuit


Numéro de pièce similaire - LA4445

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4440 SANYO-LA4440 Datasheet
467Kb / 13P
   6W 2-Channel, Bridge 19W typ Power Amplifier
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
   Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
   5.5W 2-Channel AF Power Amp
More results

Description similaire - LA4445

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
   5.5W 2-Channel AF Power Amp
logo
NTE Electronics
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
   Integrated Circuit AF Power Amp, 5.5W/Channel
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
   5.3W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
logo
Sanyo Semicon Device
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com