Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FP-1B30 Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce FP-1B30
Description  MicroGripper - 0.8mm to 0.5mm Lead Pitch
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FP-1B30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP-1B30 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP-1B30 Datenblatt HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FP-1B30
FP-1B10
MicroGripper - 0.8mm to 0.5mm Lead Pitch
FEATURES
Used to monitor signal on SMT
packages up to 0.5mm lead
pitch with a logic analyzer or
oscilloscope
Three adjacent SMT leads
(max.) for testing
Board under test must be
inactive when connecting clips
Maximum frequency is
100MHz
SPECIFICATIONS
Temperature Range:
0-70°C
Conductor Resistance:
(FP-1B10) 160 mOhms
Conductor Resistance:
(FP-1B30) 170 mOhms
Contact Resistance:
10 mOhms
Tines Diameter:
0.15mm
Body Height:
15mm
Body Material:
ABS
Voltage Usage:
+/-40V
Rating:
500 WVDC
Bandwidth:
(3db) >100MHz
Inductance:
< 1mH @ 1KHz
Capacitance:
< 2.0pF @ 1KHz
Material:
Steel wire or stainless steel,
nickel-plated
DIMENSIONS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn