Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39015XX18 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LD39015XX18
Description  150 mA low quiescent current low noise voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XX18 Fiches technique(HTML) 3 Page - STMicroelectronics

  LD39015XX18 Datasheet HTML 1Page - STMicroelectronics LD39015XX18 Datasheet HTML 2Page - STMicroelectronics LD39015XX18 Datasheet HTML 3Page - STMicroelectronics LD39015XX18 Datasheet HTML 4Page - STMicroelectronics LD39015XX18 Datasheet HTML 5Page - STMicroelectronics LD39015XX18 Datasheet HTML 6Page - STMicroelectronics LD39015XX18 Datasheet HTML 7Page - STMicroelectronics LD39015XX18 Datasheet HTML 8Page - STMicroelectronics LD39015XX18 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD39015xx
Diagram
3/16
1
Diagram
Figure 1.
Block diagram
Trimming
1.22 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1
Trimming
1.22 V
BandGap
Enable
EN
GND
OUT
IN
Protection
Thermal
R2
R1


Numéro de pièce similaire - LD39015XX18

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39015XX10 STMICROELECTRONICS-LD39015XX10 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015XX12 STMICROELECTRONICS-LD39015XX12 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
More results

Description similaire - LD39015XX18

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com