Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFAG50 Fiches technique(PDF) 1 Page - Seme LAB

No de pièce IRFAG50
Description  N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFAG50 Fiches technique(HTML) 1 Page - Seme LAB

  IRFAG50 Datasheet HTML 1Page - Seme LAB IRFAG50 Datasheet HTML 2Page - Seme LAB IRFAG50 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N-CHANNEL
POWER MOSFET
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8699
Issue 1
Page 1 of 3
IRFAG50
Low RDS(on) Power MOSFET Transistor
In A Hermetic Metal TO3 Package
Designed For Switching, Power Supply,
Motor Control and Amplifier Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
VDS
Drain – Source Voltage
1000V
VGS
Gate – Source Voltage
±20V
ID
Continuous Drain Current
Tc = 25°C
5.6A
ID
Continuous Drain Current
Tc = 100°C
3.5A
IDM
Pulsed Drain Current
(1)
22A
PD
Total Power Dissipation at
Tc = 25°C
150W
Derate Above 25°C
1.2W/°C
EAS
Single Pulse Avalanche Energy
(2)
860mJ
dv/dt
Peak Diode Recovery
(3)
1.0V/ns
TJ
Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-55 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
0.83
°C/W
INTERNAL PACKAGE INDUCTANCE
Symbols
Parameters
Min.
Typ.
Max.
Units
LD
Internal Drain Inductance
5
LS
Internal Source Inductance
13
nH
Notes
Notes
Notes
Notes
(1)
Repetitive Rating: Pulse width limited by maximum junction temperature
(2)
@VDD = 50V, L = 52 mH, Peak IL = 5.6A, Starting TJ = 25°C, RG = 25Ω
(3)
@ ISD ≤ 5.6A, di/dt ≤ 120A/µs, VDD ≤ 600V, TJ ≤ 150°C, Suggested RG = 6.2Ω
(4)
Pulse Width ≤ 300us, δ ≤ 2%


Numéro de pièce similaire - IRFAG50

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
149Kb / 7P
   Simple Drive Requirements
IRFAG50 IRF-IRFAG50_15 Datasheet
149Kb / 7P
   Simple Drive Requirements
More results

Description similaire - IRFAG50

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com