Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD2985AXX Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce LD2985AXX
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AXX Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button LD2985AXX_09 Datasheet HTML 3Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 4Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 5Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 6Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 7Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 8Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 9Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 10Page - STMicroelectronics LD2985AXX_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LD2985Axx, LD2985Bxx
Electrical characteristics
7/21
VO
Output voltage
VI = 4.8V
3.743
3.8
3.857
V
IO = 1 to 150mA
3.705
3.895
IO = 1 to 150mA, TJ= -40 to 125°C
3.667
3.933
VO
Output voltage
VI = 5.0V
3.94
4
4.06
V
IO = 1 to 150mA
3.9
4.1
IO = 1 to 150mA, TJ= -40 to 125°C
3.86
4.14
VO
Output voltage
VI = 5.7V
4.63
4.7
4.77
V
IO = 1 to 150mA
4.582
4.817
IO = 1 to 150mA, TJ= -40 to 125°C
4.5355
4.8645
VO
Output voltage
VI = 6.0V
4.925
5
5.075
V
IO = 1 to 150mA
4.875
5.125
IO = 1 to 150 mA, TJ= -40 to 125°C
4.825
5.175
ISC
Short circuit current
RL = 0
400
mA
ΔVO/ΔVI Line regulation
VI = VO + 1V to 16V, IO = 1 mA
0.003
0.014
%/VI
VI = VO + 1V to 16V, IO = 1 mA,
TJ= -40 to 125°C
0.032
VDROP
Dropout voltage
IO = 0
1
3
mV
IO = 0, TJ= -40 to 125°C
5
IO = 1mA
7
10
IO = 1mA, TJ= -40 to 125°C
15
IO = 10mA
40
60
IO = 10mA, TJ= -40 to 125°C
90
IO = 50mA
120
150
IO = 50mA, TJ= -40 to 125°C
225
IO = 150mA
280
350
IO = 150mA, TJ= -40 to 125°C
575
IQ
Quiescent current
ON MODE
IO = 0
80
100
µA
IO = 0, TJ= -40 to 125°C
150
IO = 1mA
100
150
IO = 1mA, TJ= -40 to 125°C
200
IO = 10mA
200
300
IO = 10mA, TJ= -40 to 125°C
400
IO = 50mA
600
900
IO = 50mA, TJ= -40 to 125°C
1200
IO = 150mA
2000
3000
IO = 150mA, TJ= -40 to 125°C
4000
OFF MODE
VINH<0.18V
0
VINH<0.18V, TJ= -40 to 125°C
2
SVR
Supply voltage rejection
CBYP = 0.01µF, CO = 10µF, f = 1kHz
45
dB
VIL
Control input logic low
TJ= -40 to 125°C
0.15
V
Table 5.
Electrical characteristics for LD2985A (continued) (TJ = 25 °C, VI = VO + 1 V, IO = 50 mA,
VSHDN = 2 V, CI = CO = 1 µF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Numéro de pièce similaire - LD2985AXX_09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD2985AXX30 STMICROELECTRONICS-LD2985AXX30 Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX50 STMICROELECTRONICS-LD2985AXX50 Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
More results

Description similaire - LD2985AXX_09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
333Kb / 17P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com