Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2907AQCSM Fiches technique(PDF) 3 Page - Seme LAB

No de pièce 2N2907AQCSM
Description  QUAD SILICON PLANAR EPITAXIAL PNP TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907AQCSM Fiches technique(HTML) 3 Page - Seme LAB

  2N2907AQCSM Datasheet HTML 1Page - Seme LAB 2N2907AQCSM Datasheet HTML 2Page - Seme LAB 2N2907AQCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QUAD SILICON PLANAR
EPITAXIAL PNP TRANSISTORS
2N2907AQCSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8325
Issue 1
Page 3 of 3
MECHANICAL DATA
Dimensions in mm (inches)
8.89 (0.350)
1.27 (0.050)
typ.
2.54
(0.100)
1.14(0.045)
typ
0.23
(0.009)
Rad.
18 plcs
0.30
(0.012)
Rad.
4 plcs
1.14 – 0.15
(0.045 – 0.006)
1.40
(0.055)
Nom.
1
15
2
3
4
5
6
7
8
9
10
11
12
13
14
16
17
18
LCC6 (MO-042AA)
Underside View
Pad 1 – Base 1
Pad 7 – Collector 2
Pad 10 – Base 3
Pad 16 – Collector 4
Pad 2 – Emitter 1
Pad 8 – Emitter 2
Pad 11 – Emitter 3
Pad 17 – Emitter 4
Pad 3 – Collector 1
Pad 9 – Base 2
Pad 12 – Collector 3
Pad 18 – Base 4
Pads 4, 5, 6, 13, 14, 15 – No Connections


Numéro de pièce similaire - 2N2907AQCSM

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
2N2907AQCSM TTELEC-2N2907AQCSM Datasheet
197Kb / 3P
   QUAD SILICON PLANAR EPITAXIAL PNP TRANSISTORS
More results

Description similaire - 2N2907AQCSM

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
2N2907AQCSM TTELEC-2N2907AQCSM Datasheet
197Kb / 3P
   QUAD SILICON PLANAR EPITAXIAL PNP TRANSISTORS
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
   PNP Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com