Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA3242 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA3242
Description  Preamplifier for Compact Cassette Recorder Recording-only Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3242 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA3242 Datasheet HTML 1Page - Sanyo Semicon Device LA3242 Datasheet HTML 2Page - Sanyo Semicon Device LA3242 Datasheet HTML 3Page - Sanyo Semicon Device LA3242 Datasheet HTML 4Page - Sanyo Semicon Device LA3242 Datasheet HTML 5Page - Sanyo Semicon Device LA3242 Datasheet HTML 6Page - Sanyo Semicon Device LA3242 Datasheet HTML 7Page - Sanyo Semicon Device LA3242 Datasheet HTML 8Page - Sanyo Semicon Device LA3242 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sample Application Circuit
Note:
1.
The electronic select switching level is approximately (VCC – 0.9)/2.
2.
REC amplifier NF parameters Z1 through Z3 should be selected to accommodate the recording level and frequency response
that will be required in metal/normal tape and normal/higher speed modes.
3.
Z1 through Z3 may be configured with coil ‘‘L’’, capacitor ‘‘C’’, and resistor ‘‘R’’.
4.
When electronic control pins 9 and 16 are at the GND level, each electronic switch is turned ON.
5.
When ALC ON/OFF control pin 17 is at 1 V or less/1.5 V or greater, the ALC is turned ON/OFF, respectively (Ta = 25°C).
6.
The ALC width depends on external resistor RA.
LA3242
No.2620-4/12


Numéro de pièce similaire - LA3242

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
   Stereo Preamplifier for Compact Double Cassette Playback-only Use
More results

Description similaire - LA3242

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA3241 SANYO-LA3241 Datasheet
103Kb / 5P
   Preamp For Compact Cassette Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
   Stereo Preamplifier for Compact Double Cassette Playback-only Use
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA8189N TOSHIBA-TA8189N Datasheet
519Kb / 14P
   QUAD PREAMPLIFIER FOR DOUBLE CASSETTE TAPE RECORDER
logo
Sanyo Semicon Device
LA4165M SANYO-LA4165M Datasheet
409Kb / 16P
   Recording/Playback IC for Micro-Cassette Tape Recorder
logo
Rohm
BA3416BL ROHM-BA3416BL Datasheet
38Kb / 3P
   Double cassette tape recorder dual preamplifier
BA3426AS ROHM-BA3426AS Datasheet
299Kb / 12P
   Double cassette tape recorder system preamplifier
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
BA3423S ROHM-BA3423S Datasheet
417Kb / 18P
   Double cassette tape recorder system preamplifier
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com