Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2222AQCSM Fiches technique(PDF) 3 Page - Seme LAB

No de pièce 2N2222AQCSM
Description  QUAD SILICON PLANAR EPITAXIAL NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2222AQCSM Fiches technique(HTML) 3 Page - Seme LAB

  2N2222AQCSM Datasheet HTML 1Page - Seme LAB 2N2222AQCSM Datasheet HTML 2Page - Seme LAB 2N2222AQCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QUAD SILICON PLANAR
EPITAXIAL NPN TRANSISTORS
2N2222AQCSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8348
Issue 2
Page 3 of 3
MECHANICAL DATA
Dimensions in mm (inches)
8.89 (0.350)
1.27 (0.050)
typ.
2.54
(0.100)
1.14(0.045)
typ
0.23
(0.009)
Rad.
18 plcs
0.30
(0.012)
Rad.
4 plcs
1.14 – 0.15
(0.045 – 0.006)
1.40
(0.055)
Nom.
1
15
2
3
4
5
6
7
8
9
10
11
12
13
14
16
17
18
LCC6 (MO-042AA)
Underside View
Pad 1 – Base 1
Pad 7 – Collector 2
Pad 10 – Base 3
Pad 16 – Collector 4
Pad 2 – Emitter 1
Pad 8 – Emitter 2
Pad 11 – Emitter 3
Pad 17 – Emitter 4
Pad 3 – Collector 1
Pad 9 – Base 2
Pad 12 – Collector 3
Pad 18 – Base 4
Pads 4, 5, 6, 13, 14, 15 – No Connections


Numéro de pièce similaire - 2N2222AQCSM

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
2N2222AQCSM TTELEC-2N2222AQCSM Datasheet
197Kb / 3P
   QUAD SILICON PLANAR EPITAXIAL NPN TRANSISTORS
More results

Description similaire - 2N2222AQCSM

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
2N2222AQCSM TTELEC-2N2222AQCSM Datasheet
197Kb / 3P
   QUAD SILICON PLANAR EPITAXIAL NPN TRANSISTORS
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com