Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA2900 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA2900
Description  Two-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2900 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA2900 Datasheet HTML 1Page - Sanyo Semicon Device LA2900 Datasheet HTML 2Page - Sanyo Semicon Device LA2900 Datasheet HTML 3Page - Sanyo Semicon Device LA2900 Datasheet HTML 4Page - Sanyo Semicon Device LA2900 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
No. 6950-3/5
LA2900M
Block Diagram
36k
C1
22
µF
+
+
VIN1
+
--
+
--
+
--
+
--
36k
24k
30k
--
--
+
+
VCC
C10
1.5
µF
C11
0.1
µF
+
C9
100
µF
OUT1
220
C8
22
µF
+
C7
1.5
µF
VREF
47
µF
+
C2 22µF
+
+
VIN2
VREF
24k
30k
36k
36k
--
+
+
--
C6
1.5
µF
+
C5
100
µF
OUT2
C4
22
µF
+
C3
1.5
µF
220
LIFT
AMP
AMP
SIG
LIFT
SIG
ILA00765
4
3
5
6
8
7
17
19
18
16
2
15
13
12
9
14
Pin Assignment
10
11
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
1
20
ILA00766
Top view
LA2900M


Numéro de pièce similaire - LA2900

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA2901 SANYO-LA2901 Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

Description similaire - LA2900

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com