Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5550D3A Fiches technique(PDF) 4 Page - Seme LAB

No de pièce 1N5550D3A
Description  POWER RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEME-LAB [Seme LAB]
Site Internet  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5550D3A Fiches technique(HTML) 4 Page - Seme LAB

  1N5550D3A Datasheet HTML 1Page - Seme LAB 1N5550D3A Datasheet HTML 2Page - Seme LAB 1N5550D3A Datasheet HTML 3Page - Seme LAB 1N5550D3A Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ULTRAFAST RECOVERY
POWER RECTIFIER DIODE
1N5550D3A / 1N5550D3B
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8814
Issue 2
Page 4 of 4
SCREENING OPTIONS
Space Level (JQRS/ESA) and High Reliability options are
available in accordance with the High Reliability and
Screening Options Handbook available for download from
the from the TT electronics Semelab web site.
ESA Quality Level Products are based on the testing
procedures specified in the generic ESCC 5000 and in the
corresponding part detail specifications.
Semelab’s QR216 and QR217 processing specifications
(JQRS), in conjunction with the companies ISO 9001:2000
approval present a viable alternative to the American MIL-
PRF-19500 space level processing.
QR217 (Space Level Quality Conformance) is based on the
quality conformance inspection requirements of MIL-PRF-
19500 groups A (table V), B (table VIa), C (table VII) and
also ESA / ESCC 5000 (chart F4) lot validation tests.
QR216 (Space Level Screening) is based on the screening
requirements of MIL-PRF-19500 (table IV) and also ESA
/ESCC 5000 (chart F3).
JQRS parts are processed to the device data sheet and
screened to QR216 with conformance testing to Q217
groups A and B in accordance with MIL-STD-750 methods
and procedures.
Additional conformance options are available, for example
Pre-Cap Visual Inspection, Buy-Off Visit or Data Packs.
These are chargeable and must be specified at the order
stage
(See
Ordering
Information).
Minimum
order
quantities may apply.
Alternative or additional customer specific conformance or
screening requirements would be considered. Contact
Semelab sales with enquires.
MARKING DETAILS
Parts can be laser marked with approximately 7 characters
on two lines and always includes cathode identification.
Typical marking would include part or specification number,
week of seal or serial number subject to available space and
legibility.
Customer specific marking requirements can be arranged at
the time of order.
Example Marking:
ORDERING INFORMATION
Part numbers are built up from Type, Package Variant, and
screening level. The part numbers are extended to include
the additional options as shown below.
Type – See Electrical Stability Characteristics Table
Package Variant – See Mechanical Data
Screening Level – See Screening Options (ESA / JQRS)
Additional Options:
Customer Pre-Cap Visual Inspection
.CVP
Customer Buy-Off visit
.CVB
Data Pack
.DA
Solderability Samples
.SS
Scanning Electron Microscopy
.SEM
Radiography (X-ray)
.XRAY
Total Dose Radiation Test
.RAD
MIL-PRF-19500 (QR217)
Group B charge
.GRPB
Group B destructive mechanical samples
.GBDM (12 pieces)
Group C charge
.GRPC
Group C destructive electrical samples
.GCDE (12 pieces)
Group C destructive mechanical samples
.GCDM (6 pieces)
ESA/ESCC
Lot Validation Testing (subgroup 1) charge
.LVT1
LVT1 destructive samples (environmental)
.L1DE (15 pieces)
LVT1 destructive samples (mechanical)
.L1DM (15 pieces)
Lot Validation Testing (subgroup 2) charge
.LVT2
LVT2 endurance samples (electrical)
.L2D (15 pieces)
Lot Validation Testing (subgroup 3) charge
.LVT3
LVT3 destructive samples (mechanical)
.L3D (5 pieces)
Additional Option Notes:
1) All ‘Additional Options’ are chargeable and must be specified at order stage.
2) When Group B,C or LVT is required, additional electrical and mechanical destructive
samples must be ordered
3) All destructive samples are marked the same as other production parts unless
otherwise requested.
Example ordering information:
The following example is for the 1N5550D3 part with
package variant B, JQRS screening, additional Group C
conformance testing and a Data pack.
Part Numbers:
1N5550D3B-JQRS (Include quantity for flight parts)
1N5550D3B-JQRS.GRPC (chargeable conformance option)
1N5550D3B-JQRS.GCDE (charge for destructive parts)
1N5550D3B-JQRS.GCDM (charge for destructive parts)
1N5550D3B-JQRS.DA (charge for Data pack)
Customers with any specific requirements (e.g. marking or
screening) may be supplied with a similar alternative part
number (there is maximum 20 character limit to part
numbers).
Contact
Semelab
sales
with
enquiries
High Reliability and Screening Options Handbook link: http://www.semelab.co.uk/pdf/misc/documents/hirel_and_screening_options.pdf


Numéro de pièce similaire - 1N5550D3A

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
1N5550 GE-1N5550 Datasheet
53Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Central Semiconductor C...
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Microsemi Corporation
1N5550 MICROSEMI-1N5550 Datasheet
46Kb / 2P
   RECTIFIERS
1N5550 MICROSEMI-1N5550 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
logo
List of Unclassifed Man...
1N5550 ETC1-1N5550 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
More results

Description similaire - 1N5550D3A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BYT200PIV-400 STMICROELECTRONICS-BYT200PIV-400 Datasheet
59Kb / 5P
   ULTRAFAST POWER RECTIFIER DIODE
logo
IXYS Corporation
DSSS30-01AR IXYS-DSSS30-01AR Datasheet
52Kb / 2P
   Power Schottky Rectifier dual diode
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
   35A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
logo
IXYS Corporation
DSSS35-008AR IXYS-DSSS35-008AR Datasheet
47Kb / 2P
   Power Schottky Rectifier dual diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com