Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1833N Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LA1833N
Description  System-on-Chip Tuner IC for Home Stereo Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1833N Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LA1833N Datasheet HTML 1Page - Sanyo Semicon Device LA1833N Datasheet HTML 2Page - Sanyo Semicon Device LA1833N Datasheet HTML 3Page - Sanyo Semicon Device LA1833N Datasheet HTML 4Page - Sanyo Semicon Device LA1833N Datasheet HTML 5Page - Sanyo Semicon Device LA1833N Datasheet HTML 6Page - Sanyo Semicon Device LA1833N Datasheet HTML 7Page - Sanyo Semicon Device LA1833N Datasheet HTML 8Page - Sanyo Semicon Device LA1833N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
No. 6568-5/10
LA1833N, 1833NM
Continued from preceding page.
Pin No.
Pin
Voltage (V)
Functional description
Equivalent circuit
20
S meter
Also functions as the
AM AGC
0.2 (FM)
0.9 (AM)
ILA00235
20
R
Internal load resistor R = 13.9 k
Ω.
The SD response speed during seek
operations is set by the value of the
external capacitor connected to pin 20.
21
ILA00236
21
AM RF-IN
Vreg
Pin 21 and pin 22 (the AFC voltage) are
used at the same potential
ILA00237
22
22
AFC
Vreg
The FM SD bandwidth can be adjusted by
an external resistor connected between
pin 22 and pin 3 (the regulator voltage).
Note: A bandwidth of 180 kHz or higher is
appropriate for the FM SD bandwidth.
ILA00238
23
23
OSC
VCC
The oscillator coil is connected between
pin 23 and pin 9 (the VCC voltage).
Note: The oscillator coil impedance
(secondary side) must be at least
5 k
Ω.
ILA00239
24
R
24
Oscillator buffer
Also functions as the
FM SD adjustment
VCC – 1.4
The FM SD sensitivity can be adjusted
with an external resistor on pin 24.
R = 200
Note: The resistance of the pin 24 external
resistor must be at least 3.3 k
Ω.


Numéro de pièce similaire - LA1833N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results

Description similaire - LA1833N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LV23411V SANYO-LV23411V Datasheet
169Kb / 23P
   For Home Stereo Systems FM/AM Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com