Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBVSPA024LN1TAG Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce NBVSPA024LN1TAG
Description  3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSPA024LN1TAG Fiches technique(HTML) 5 Page - ON Semiconductor

  NBVSPA024LN1TAG Datasheet HTML 1Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 2Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 3Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 4Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 5Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 6Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 7Page - ON Semiconductor NBVSPA024LN1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NBVSPA015 Series
http://onsemi.com
5
Table 8. RELIABILITY COMPLIANCE
Parameter
Standard
Method
Shock
Mechanical
MIL−STD−833, Method 2002, Condition B
Solderability
Mechanical
MIL−STD−833, Method 2003
Vibration
Mechanical
MIL−STD−833, Method 2007, Condition A
Solvent Resistance
Mechanical
MIL−STD−202, Method 215
Thermal Shock
Environment
MIL−STD−833, Method 1011, Condition A
Moisture Level Sensitivity
Environment
MSL1 260°C per IPC/JEDEC J−STD−020D
Figure 3. Typical Termination for Output Driver and Device Evaluation
Driver
Device
Receiver
Device
CLK
D
CLK
D
Zo = 50 W
Zo = 50 W
100 W
NBVSPAXXX
260
217
175
150
Temperature (°C)
temp. 260°C
20 − 40 sec. max.
Time
60180 sec.
3°C/sec. max.
cooling
6°C/sec. max.
60150 sec.
reflow
peak
pre−heat
ramp−up
Figure 4. Recommended Reflow Soldering Profile


Numéro de pièce similaire - NBVSPA024LN1TAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
More results

Description similaire - NBVSPA024LN1TAG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSBA011LN1TAG ONSEMI-NBVSBA011LN1TAG Datasheet
133Kb / 8P
   2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
June, 2010 ??Rev. 0
logo
Pletronics, Inc.
VLU7029036EG000050 PLETRONICS-VLU7029036EG000050 Datasheet
136Kb / 8P
   3.3 V LVDS VCXO Oscillators
VLB7029036EG000050 PLETRONICS-VLB7029036EG000050 Datasheet
145Kb / 8P
   3.3 V LVDS VCXO Oscillators
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
logo
ECM Electronics Limited...
ECV20 ECM-ECV20 Datasheet
60Kb / 1P
   VCXO Voltage Controlled Oscillator
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com