Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1738LT Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TEA1738LT
Description  GreenChip SMPS control IC Adjustable overpower time-out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1738LT Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TEA1738LT Datasheet HTML 2Page - NXP Semiconductors TEA1738LT Datasheet HTML 3Page - NXP Semiconductors TEA1738LT Datasheet HTML 4Page - NXP Semiconductors TEA1738LT Datasheet HTML 5Page - NXP Semiconductors TEA1738LT Datasheet HTML 6Page - NXP Semiconductors TEA1738LT Datasheet HTML 7Page - NXP Semiconductors TEA1738LT Datasheet HTML 8Page - NXP Semiconductors TEA1738LT Datasheet HTML 9Page - NXP Semiconductors TEA1738LT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TEA1738T_TEA1738LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 31 December 2010
6 of 21
NXP Semiconductors
TEA1738T; TEA1738LT
GreenChip SMPS control IC
When the voltage on pin VCC drops below the Vth(UVLO) level during normal operation, the
controller stops switching and the TEA1738T enters Restart mode. In Restart mode the
driver output is disabled and the VCC pin voltage is recharged via resistor R3 to the
rectified mains voltage. For the TEA1738LT a VCC undervoltage, which does not occur
during a start-up event, latches the IC in an off-state.
7.3 Supply management
All internal reference voltages are derived from a temperature compensated on-chip band
gap circuit. Internal reference currents are derived from a trimmed and temperature
compensated current reference circuit.
7.4 OverVoltage Protection (VCC pin)
An OVP circuit is connected to the VCC pin. After 8 consecutive OVP cycles the IC
triggers the latched protection. When VCC drops below the Vth(OVP) voltage before count=8
is reached, the counter is reset to zero.
If a lower overvoltage protection level is needed, a Zener diode can be connected
between the VCC pin and the PROTECT pin.
7.5 Input voltage detection (VINSENSE pin)
In a typical application the mains input voltage can be detected by the VINSENSE pin.
Switching does not take place until the voltage on VINSENSE has reached the
Vstart(VINSENSE) voltage (0.94 V typical).
When during operation the VINSENSE voltage drops below Vdet(L)(VINSENSE)
(0.72 V typical), the converter stops switching and performs a restart.
An internal clamp of 5.2 V (typical) protects this pin from excessive voltages.
Fig 4.
Start-up sequence, normal operation and restart sequence
001aan170
starting
converter
charging VCC
capacitor
normal
operation
protection
(power-down)
soft start
VCC
ISENSE
VINSENSE
PROTECT
OPTIMER
VO
restart
soft start
Vstartup
Vth(UVLO)
Vdet(H)(PROTECT)
Vstart(VINSENSE)
Vdet(L)(VINSENSE)
Vdet(L)(PROTECT)
4.5 V
1.2 V


Numéro de pièce similaire - TEA1738LT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1738LT NXP-TEA1738LT Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
More results

Description similaire - TEA1738LT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1733MT NXP-TEA1733MT Datasheet
198Kb / 20P
   GreenChip SMPS control IC Adjustable overpower time-out
Rev. 1-4 February 2011
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com