Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2S2102FTB Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce SL2S2102FTB
Description  ICODE SLIX a product family of smart label ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2102FTB Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button SL2S2102FTB Datasheet HTML 4Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 5Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 6Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 7Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 8Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 9Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 10Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 11Page - NXP Semiconductors SL2S2102FTB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
8 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
9.
Abbreviations
10. References
[1]
ISO Standard — ISO/IEC 15693 - Identification cards - Contactless integrated
circuit cards - Vicinity cards.
[2]
ISO Standard — ISO/IEC 15693-2 -Identification cards - Contactless integrated
circuit cards - Vicinity cards - Part 2: Air interface and initialization.
[3]
ISO Standard — ISO/IEC 15693-3 -Identification cards - Contactless integrated
circuit cards - Vicinity cards - Part 3: Anticollision and transmission protocol.
[4]
ISO Standard — ISO/IEC 18000-3 - Information technology - Radio frequency
identification for item management - Part 3: Parameters for air interface
communications at 13.56 MHz.
[5]
ISO Standard — ISO/IEC 7816-6 - Identification cards - Integrated circuit cards -
Part 6: Interindustry data elements for interchange.
[6]
General specification for 8” wafer on UV-tape with electronic fail die
marking — Delivery type description – BU-ID document number: 1093**1.
[7]
SL2S2002; SL2S2102 — Product data sheet – BU-ID document number: 1780**
Table 6.
Abbreviations
Acronym
Description
AFI
Application Family Identifier
CRC
Cyclic Redundancy Check
DSFID
Data Storage Format IDentifier
EAS
Electronic Article Surveillance
EEPROM
Electrically Erasable Programmable Read Only Memory
IC
Integrated Circuit
LCR
Inductance, Capacitance, Resistance
LSB
Least Significant Byte/Bit
MSB
Most Significant Byte/Bit
RF
Radio Frequency
UID
Unique IDentifier
1.
** ... document version number


Numéro de pièce similaire - SL2S2102FTB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FA8 NXP-SL2S2602FA8 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUD NXP-SL2S2602FUD Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUDBG NXP-SL2S2602FUDBG Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
More results

Description similaire - SL2S2102FTB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
   ICODE SLIX-S
Rev. 3.2-27 August 2012
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
   ICODE SLIX-L
Rev. 3.4-27 August 2012
logo
Intersil Corporation
TB406 INTERSIL-TB406 Datasheet
16Kb / 1P
   Proper Termination of Inputs to the HIP408x Family of Driver ICs
logo
NXP Semiconductors
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
   ICODE DNA
Rev. 3.0 ??16 June 2016
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
STMicroelectronics
PM0222 STMICROELECTRONICS-PM0222 Datasheet
388Kb / 33P
   Brain smart hub family
logo
NXP Semiconductors
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com