Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4746 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors

No de pièce 1N4746
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4746 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors

  1N4746 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4746 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ
(1) @ I
ZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
1N4728
3.3
76.0
10
400
1.0
100
1.0
276
1380
1N4729
3.6
69.0
10
400
1.0
100
1.0
252
1260
1N4730
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
1N4731
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
1N4732
4.7
53.0
8.0
500
1.0
10
1.0
193
970
1N4733
5.1
49.0
7.0
550
1.0
10
1.0
178
890
1N4734
5.6
45.0
5.0
600
1.0
10
2.0
162
810
1N4735
6.2
41.0
2.0
700
1.0
10
3.0
146
730
1N4736
6.8
37.0
3.5
700
1.0
10
4.0
133
660
1N4737
7.5
34.0
4.0
700
0.5
10
5.0
121
605
1N4738
8.2
31.0
4.5
700
0.5
10
6.0
110
550
1N4739
9.1
28.0
5.0
700
0.5
10
7.0
100
500
1N4740
10
25.0
7.0
700
0.25
10
7.6
91
454
1N4741
11
23.0
8.0
700
0.25
5.0
8.4
83
414
1N4742
12
21.0
9.0
700
0.25
5.0
9.1
76
380
1N4743
13
19.0
10
700
0.25
5.0
9.9
69
344
1N4744
15
17.0
14
700
0.25
5.0
11.4
61
305
1N4745
16
15.5
16
700
0.25
5.0
12.2
57
285
1N4746
18
14.0
20
750
0.25
5.0
13.7
50
250
1N4747
20
12.5
22
750
0.25
5.0
15.2
45
225
1N4748
22
11.5
23
750
0.25
5.0
16.7
41
205
1N4749
24
10.5
25
750
0.25
5.0
18.2
38
190
1N4750
27
9.5
35
750
0.25
5.0
20.6
34
170
1N4751
30
8.5
40
1000
0.25
5.0
22.8
30
150
1N4752
33
7.5
45
1000
0.25
5.0
25.1
27
135
1N4753
36
7.0
50
1000
0.25
5.0
27.4
25
125
1N4754
39
6.5
60
1000
0.25
5.0
29.7
23
115
1N4755
43
6.0
70
1500
0.25
5.0
32.7
22
110
1N4756
47
5.5
80
1500
0.25
5.0
35.8
19
95
1N4757
51
5.0
95
1500
0.25
5.0
38.8
18
90
1N4758
56
4.5
110
2000
0.25
5.0
42.6
16
80
1N4759
62
4.0
125
2000
0.25
5.0
47.1
14
70
1N4760
68
3.7
150
2000
0.25
5.0
51.7
13
65
1N4761
75
3.3
175
2000
0.25
5.0
56.0
12
60
1N4762
82
3.0
200
3000
0.25
5.0
62.2
11
55
1N4763
91
2.8
250
3000
0.25
5.0
69.2
10
50
1N4764
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Z1110
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
Z1120
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
Z1130
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
Z1150
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
Z1160
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
Z1180
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
Z1200
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 10%.
Suffix "A" indicates ± 5% tolerance, suffix "C" indicates ± 2% tolerance.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
on IZT per JEDEC Method
Page 2 of 2
Rev. 07 : November 5, 2007
Type No.
Certificate TH97/10561QM
Certificate TW00/17276EM


Numéro de pièce similaire - 1N4746

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
1N4746 CHENDA-1N4746 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4746 SURGE-1N4746 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4746 JINANJINGHENG-1N4746 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4746 NJSEMI-1N4746 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Bytesonic Electronics C...
1N4746 BYTESONIC-1N4746 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Description similaire - 1N4746

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com