Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7511 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV7511
Description  225 MHz, High Performance HDMI Transmitter with ARC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7511 Fiches technique(HTML) 1 Page - Analog Devices

  ADV7511 Datasheet HTML 1Page - Analog Devices ADV7511 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
225 MHz, High Performance HDMI
Transmitter with ARC
ADV7511
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
General
Incorporates HDMI 1.4 features
Audio return channel (ARC)
3D video support
225 MHz supports 12-bit Deep Color operation in all video
formats up to 1080p
Supports gamut metadata packet transmission
Integrated CEC buffer/controller—upgraded to HDMI 1.4
Compatible with DVI 1.0 and HDCP 1.4
Video/audio inputs accept logic levels from 1.8 V to 3.3 V
Digital video
3D video ready
Programmable two-way color space converter
Supports RGB, YCbCr, and DDR
Supports ITU656-based embedded syncs
Automatic input video format timing detection (CEA-861-E)
Digital audio
Audio return channel (ARC) for HDMI 1.4 support
Supports standard S/PDIF for stereo LPCM or compressed
audio up to 192 kHz
8-channel uncompressed LPCM I2S audio up to 192 kHz
Special features for easy system design
On-chip MPU with I2C master to perform HDCP operations
and EDID reading operations
5 V tolerant I2C and HPD I/Os, no extra device needed
No audio master clock needed for supporting S/PDIF and I2S
On-chip MPU reports HDMI events through interrupts and
registers
APPLICATIONS
Home entertainment products
Gaming consoles
PCs
DVD players and recorders
Digital set top boxes
A/V receivers
FUNCTIONAL BLOCK DIAGRAM
ADV7511
HDCP
ENCRYPTION
HDCP KEYS
TMDS
OUTPUTS
VIDEO
DATA
CAPTURE
AUDIO
DATA
CAPTURE
I2C
MASTER
I2C
SLAVE
HDCP AND EDID
MICROCONTROLLER
ARC
HEAC+
HEAC–
SPDIF_OUT
SPDIF
I2S[3:0]
DSD[5:0]
MCLK
LRCLK
SCLK
DSD_CLK
D[35:0]
VSYNC
HSYNC
DE
CLK
HPD
INT
SDA
SCL
DDCSCL
DDCSDA
CEC_CLK
CEC
TXC+
TX2+
TX1+
TX0+
TXC–
TX2–
TX1–
TX0–
CEC CONTROLLER/
BUFFER
REGISTERS
AND
CONFIG.
LOGIC
4:2:2
4:4:4
AND
COLOR
SPACE
CONVERTER
Figure 1.
GENERAL DESCRIPTION
The ADV7511 is a 225 MHz High-Definition Multimedia Inter-
face (HDMI™) transmitter, which is ideal for home entertainment
products including DVD players/recorders, digital set top boxes,
A/V receivers, gaming consoles, and PCs.
The digital video interface contains an HDMI 1.4- and a DVI 1.0-
compatible transmitter, and supports all HDTV formats (including
1080p with 12-bit Deep Color). The ADV7511 supports the
HDMI 1.4-specific features, HEAC (ARC), and 3D video. In
addition to these features, the ADV7511 supports x.v.Color™, high
bit rate audio, and programmable AVI InfoFrames. With the
inclusion of HDCP, the ADV7511 allows the secure transmission of
protected content as specified by the HDCP 1.4 protocol.
The ADV7511 supports both S/PDIF and 8-channel I2S audio.
Its high fidelity 8-channel I2S can transmit either stereo or 7.1
surround audio up to 768 kHz. The S/PDIF can carry compressed
audio including Dolby® Digital, DTS®, and THX®. Fabricated in
an advanced CMOS process, the ADV7511 is provided in a
100-lead LQFP surface-mount plastic package and is specified
over the 0°C to +70°C temperature range.
For more information about the ADV7511, email: ATV_VideoTx_Apps@analog.com.


Numéro de pièce similaire - ADV7511

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

Description similaire - ADV7511

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com