Moteur de recherche de fiches techniques de composants électroniques |
|
74AUP1G97 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
74AUP1G97 Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 22 page 74AUP1G97 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 10 January 2011 8 of 22 NXP Semiconductors 74AUP1G97 Low-power configurable multiple function gate [1] One input at VCC − 0.6 V, other input at VCC or GND. 11. Dynamic characteristics ΔI OFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC =0Vto0.2 V -- ±0.75 μA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V -- 1.4 μA ΔI CC additional supply current VI = VCC − 0.6 V; IO = 0 A; VCC =3.3 V [1] -- 75 μA Table 8. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Table 9. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13. Symbol Parameter Conditions 25 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max (85 °C) Max (125 °C) CL = 5 pF tpd propagation delay A, B, C to Y; see Figure 12 [2] VCC = 0.8 V - 23.0 - - - - ns VCC = 1.1 V to 1.3 V 2.8 6.6 12.6 2.5 13.0 13.2 ns VCC = 1.4 V to 1.6 V 2.3 4.7 7.6 2.5 8.2 8.6 ns VCC = 1.65 V to 1.95 V 2.2 3.9 6.2 2.0 6.8 7.2 ns VCC = 2.3 V to 2.7 V 2.0 3.2 4.5 1.7 5.1 5.3 ns VCC = 3.0 V to 3.6 V 1.9 2.9 3.9 1.5 4.1 4.3 ns CL = 10 pF tpd propagation delay A, B, C to Y; see Figure 12 [2] VCC = 0.8 V - 26.6 - - - - ns VCC = 1.1 V to 1.3 V 3.2 7.4 14.3 2.9 14.9 15.2 ns VCC = 1.4 V to 1.6 V 2.6 5.3 8.7 2.8 9.4 9.8 ns VCC = 1.65 V to 1.95 V 2.5 4.5 7.0 2.3 7.8 8.2 ns VCC = 2.3 V to 2.7 V 2.4 3.7 5.2 2.1 5.9 6.1 ns VCC = 3.0 V to 3.6 V 2.3 3.4 4.6 1.9 4.9 5.1 ns CL = 15 pF tpd propagation delay A, B, C to Y; see Figure 12 [2] VCC = 0.8 V - 30.1 - - - - ns VCC = 1.1 V to 1.3 V 3.6 8.2 16.0 3.2 16.7 17.0 ns VCC = 1.4 V to 1.6 V 2.9 5.9 9.6 3.1 10.4 10.9 ns VCC = 1.65 V to 1.95 V 2.8 5.0 7.8 2.5 8.7 9.1 ns VCC = 2.3 V to 2.7 V 2.7 4.2 5.8 2.4 6.5 6.9 ns VCC = 3.0 V to 3.6 V 2.5 3.8 5.1 2.2 5.5 5.7 ns |
Numéro de pièce similaire - 74AUP1G97 |
|
Description similaire - 74AUP1G97 |