Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G97GS Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AUP1G97GS
Description  Low-power configurable multiple function gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G97GS Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G97GS Datasheet HTML 4Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 5Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 6Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 9Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 10Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 11Page - NXP Semiconductors 74AUP1G97GS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74AUP1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 10 January 2011
8 of 22
NXP Semiconductors
74AUP1G97
Low-power configurable multiple function gate
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
11. Dynamic characteristics
ΔI
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
±0.75
μA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
1.4
μA
ΔI
CC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC =3.3 V
[1] --
75
μA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 0.8 V
-
23.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
6.6
12.6
2.5
13.0
13.2
ns
VCC = 1.4 V to 1.6 V
2.3
4.7
7.6
2.5
8.2
8.6
ns
VCC = 1.65 V to 1.95 V
2.2
3.9
6.2
2.0
6.8
7.2
ns
VCC = 2.3 V to 2.7 V
2.0
3.2
4.5
1.7
5.1
5.3
ns
VCC = 3.0 V to 3.6 V
1.9
2.9
3.9
1.5
4.1
4.3
ns
CL = 10 pF
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 0.8 V
-
26.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.4
14.3
2.9
14.9
15.2
ns
VCC = 1.4 V to 1.6 V
2.6
5.3
8.7
2.8
9.4
9.8
ns
VCC = 1.65 V to 1.95 V
2.5
4.5
7.0
2.3
7.8
8.2
ns
VCC = 2.3 V to 2.7 V
2.4
3.7
5.2
2.1
5.9
6.1
ns
VCC = 3.0 V to 3.6 V
2.3
3.4
4.6
1.9
4.9
5.1
ns
CL = 15 pF
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 0.8 V
-
30.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
8.2
16.0
3.2
16.7
17.0
ns
VCC = 1.4 V to 1.6 V
2.9
5.9
9.6
3.1
10.4
10.9
ns
VCC = 1.65 V to 1.95 V
2.8
5.0
7.8
2.5
8.7
9.1
ns
VCC = 2.3 V to 2.7 V
2.7
4.2
5.8
2.4
6.5
6.9
ns
VCC = 3.0 V to 3.6 V
2.5
3.8
5.1
2.2
5.5
5.7
ns


Numéro de pièce similaire - 74AUP1G97GS

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G97GS NEXPERIA-74AUP1G97GS Datasheet
300Kb / 20P
   Low-power configurable multiple function gate
Rev. 13 - 9 May 2023
More results

Description similaire - 74AUP1G97GS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com