Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21009BFB825Z Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL21009BFB825Z
Description  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB825Z Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL21009BFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
FN6327.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL21009
High Voltage Input Precision, Low Noise
FGA™ Voltage References
The ISL21009 FGA™ voltage references are extremely low
power, high precision, and low noise voltage references
fabricated on Intersil’s proprietary Floating Gate Analog
technology. The ISL21009 features very low noise (4.5µVP-P
for 0.1Hz to 10Hz), low operating current (180µA, Max), and
3ppm/°C of temperature drift. In addition, the ISL21009
family features guaranteed initial accuracy as low as
±0.5mV.
This combination of high initial accuracy, low power and low
output noise performance of the ISL21009 enables versatile
high performance control and data acquisition applications
with low power consumption.
Available Options
Features
• Output Voltages . . . . . . . .1.250V, 2.500V, 4.096V, 5.000V
• Initial Accuracy . . . . . . . . . . . . . .±0.5mV, ±1.0mV, ±2.0mV
• Input Voltage Range. . . . . . . . . . . . . . . . . . . 3.5V to 16.5V
• Output Voltage Noise . . . . . . . . .4.5µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .180µA (Max)
• Temperature Coefficient . . . 3ppm/°C, 5ppm/°C, 10ppm/°C
• Output Current Capability. . . . . . . . . . . . . . . Up to ±7.0mA
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
Pinout
ISL21009
(8 LD SOIC)
TOP VIEW
PART NUMBER
VOUT
OPTION
(V)
INITIAL
ACCURACY
(mV)
TEMPCO.
(ppm/°C)
ISL21009BFB812Z
1.250
±0.5
3
ISL21009CFB812Z
1.250
±1.0
5
ISL21009DFB812Z
1.250
±2.0
10
ISL21009BFB825Z
2.500
±0.5
3
ISL21009CFB825Z
2.500
±1.0
5
ISL21009DFB825Z
2.500
±2.0
10
ISL21009BFB841Z
4.096
±0.5
3
ISL21009CFB841Z
4.096
±1.0
5
ISL21009DFB841Z
4.096
±2.0
10
ISL21009BFB850Z
5.000
±0.5
3
ISL21009CFB850Z
5.000
±1.0
5
ISL21009DFB850Z
5.000
±2.0
10
GND OR NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM OR NC
Data Sheet
September 16, 2009


Numéro de pièce similaire - ISL21009BFB825Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21009BFB825Z INTERSIL-ISL21009BFB825Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009BFB825Z INTERSIL-ISL21009BFB825Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB825Z RENESAS-ISL21009BFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009BFB825Z-TK INTERSIL-ISL21009BFB825Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

Description similaire - ISL21009BFB825Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com