Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL23315UFRUZ-T7A Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL23315UFRUZ-T7A
Description  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315UFRUZ-T7A Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL23315UFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL23315
5
FN7778.0
December 15, 2010
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 13)
Integral non-linearity, guaranteed
monotonic
W option
-1.0
±0.5
+1.0
LSB
(Note 9)
U, T option
-0.5
±0.15
+0.5
LSB
(Note 9)
DNL
(Note 12)
Differential non-linearity, guaranteed
monotonic
W option
-1
±0.4
+1
LSB
(Note 9)
U, T option
-0.4
±0.1
+0.4
LSB
(Note 9)
FSerror
(Note 11)
Full-scale error
W option
-3.5
-2
0
LSB
(Note 9)
U, T option
-2
-0.5
0
LSB
(Note 9)
ZSerror
(Note 10)
Zero-scale error
W option
0
2
3.5
LSB
(Note 9)
U, T option
0
0.4
2
LSB
(Note 9)
TCV
(Notes 14)
Ratiometric temperature coefficient
W option, Wiper Register set to 80 hex
8
ppm/°C
U option, Wiper Register set to 80 hex
4
ppm/°C
T option, Wiper Register set to 80 hex
2.3
ppm/°C
Large Signal Wiper Settling Time
From code 0 to FF hex
300
ns
fcutoff
-3dB cutoff frequency
Wiper at middle point W option
1200
kHz
Wiper at middle point U option
250
kHz
Wiper at middle point T option
120
kHz
RHEOSTAT MODE (Measurements between RW and RL pins with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 18)
Integral non-linearity, Guaranteed
monotonic
W option; VCC = 2.7V to 5.5V
-2.0
±1
+2.0
MI
(Note 15)
W option; VCC = 1.7V
10.5
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-1.0
±0.3
+1.0
MI
(Note 15)
U, T option; VCC = 1.7V
2.1
MI
(Note 15)
RDNL
(Note 17)
Differential non-linearity, Guaranteed
monotonic
W option; VCC = 2.7V to 5.5V
-1
±0.4
+1
MI
(Note 15)
W option; VCC = 1.7V
±0.6
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 15)
U, T option; VCC = 1.7V
±0.35
MI
(Note 15)
Analog Specifications
VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS


Numéro de pièce similaire - ISL23315UFRUZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315UFRUZ-T7A INTERSIL-ISL23315UFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315UFRUZ-T7A RENESAS-ISL23315UFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Description similaire - ISL23315UFRUZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com