Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28130CEZ-T7 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL28130CEZ-T7
Description  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130CEZ-T7 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL28130CEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28130CEZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL28130, ISL28230, ISL28430
3
FN7623.1
December 16, 2010
Pin Configurations
ISL28130
(5 LD SOT-23)
TOP VIEW
ISL28130
(8 LD SOIC)
TOP VIEW
ISL28130
(5 LD SC70)
TOP VIEW
ISL28230
(8 LD MSOP, SOIC)
TOP VIEW
ISL28230
(8 LD DFN)
TOP VIEW
ISL28430
(14 LD TSSOP, SOIC)
TOP VIEW
OUT
V-
IN+
V+
IN-
1
2
3
5
4
+ -
1
2
3
4
8
7
6
5
NC
IN-
IN+
NC
V+
OUT
V-
NC
IN+
V-
IN-
V+
OUT
1
2
3
5
4
+
-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
2
3
4
1
7
6
5
8
OUT_A
IN-_A
IN+_A
V+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
V-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+-
Pin Descriptions
ISL28130
(5 Ld SOT23)
ISL28130
(8 Ld SOIC)
ISL28130
(5 LD SC70)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
3
3
1
IN+
Non-inverting
input
Circuit 1
2
4
2
V-
Negative supply
4
2
3
IN-
Inverting input
(See “Circuit 1”)
IN+
V+
IN-
V-
+
-


Numéro de pièce similaire - ISL28130CEZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28130CEZ-T7 INTERSIL-ISL28130CEZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CEZ-T7 INTERSIL-ISL28130CEZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130CEZ-T7 RENESAS-ISL28130CEZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CEZ-T7A INTERSIL-ISL28130CEZ-T7A Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
More results

Description similaire - ISL28130CEZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com