Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33905BS5R2 Fiches technique(PDF) 9 Page - Freescale Semiconductor, Inc

No de pièce MCZ33905BS5R2
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33905BS5R2 Fiches technique(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33905BS5R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33905BS5R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33903/4/5
PIN CONNECTIONS
PIN CONNECTIONS
4
5
6
7
8
9
10
11
12
2
3
54
51
50
49
48
47
46
45
44
43
53
52
1
13
14
15
16
42
41
40
39
54 pins exposed package
MC33905D
17
18
19
20
21
22
23
24
25
26
27
38
37
36
35
34
33
32
31
30
29
28
TXDL2
GND
RXDL2
LIN-2
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
VE
VB
I/O-1
RXD-L1
TXD-L1
LIN-1
INT
RST
RXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T1
GND CAN
LIN-T2
I/O-0
GND
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33904
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
NC
NC
NC
GND - LEAD FRAME
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
I/O-4
GND CAN
INT
RST
I/O-3
RXD
I/O-0
32 pins exposed package
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33905S
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
RXD-L
TXD-L
LIN
GND - LEAD FRAME
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T
GND CAN
INT
RST
I/O-3
RXD
I/O-0
32 pins exposed package
GROUND
GROUND
Note 1: Exposed pad should be connected to electrical ground
See
Note 1
Below
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33903
MISO
SCLK
MOSI
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
NC
NC
NC
GND - LEAD FRAME
NC
VSUP1
GND CAN
INT
RST
RXD
I/O-0
32 pins exposed package
GROUND
NC
NC
NC
NC
VSUP2
NC
NC
NC
NC
NC
Figure 9. 33903/4/5 Pin Connections


Numéro de pièce similaire - MCZ33905BS5R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33905BS5R2 FREESCALE-MCZ33905BS5R2 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Description similaire - MCZ33905BS5R2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com