Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13851 Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc

No de pièce MC13851
Description  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851 Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13851 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Electrical Specifications
MC13851 Advance Information, Rev. 2.0
8
Freescale Semiconductor
Figure 4 and Figure 5 show minimum noise figure and associated gain versus frequency for the packaged
device in a 50
Ω system using bias resistors of 1.5 kΩ and 1.2 kΩ.
Figure 4. Minimum Noise Figure and Associated Gain vs. Frequency (Rbias = 1.5 k
Ω)
Figure 5. Minimum Noise Figure and Associated Gain vs. Frequency (Rbias = 1.2 k
Ω)
0
5
10
15
20
25
30
0.8
0.9
1
1.1
1.2
1.3
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Frequency (GHz)
NFmin
Gnf
Gnf
NFmin
0
5
10
15
20
25
30
0.8
0.9
1
1.1
1.2
1.3
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Frequency (GHz)
NFmin
Gnf
Gnf
NFmin


Numéro de pièce similaire - MC13851

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Description similaire - MC13851

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com