Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5338P-A-GMR Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI5338P-A-GMR
Description  I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5338P-A-GMR Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI5338P-A-GMR Datasheet HTML 7Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 8Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 9Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 10Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 11Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 12Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 13Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 14Page - Silicon Laboratories SI5338P-A-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 170 page
background image
Si5338
Rev. 0.6
11
Table 8. Crystal Specifications for 8 to 11 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
8—
11
MHz
Load Capacitance (on-chip differential)
cL
11
12
13
pF
Crystal Output Capacitance
cO
——
6
pF
Equivalent Series Resistance
rESR
——
300
Crystal Max Drive Level
dL
100
µW
Table 9. Crystal Specifications for 11 to 19 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
11
19
MHz
Load Capacitance (on-chip differential)
cL
11
12
13
pF
Crystal Output Capacitance
cO
——
5
pF
Equivalent Series Resistance
rESR
——
200
Crystal Max Drive Level
dL
100
µW
Table 10. Crystal Specifications for 19 to 26 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
19
26
MHz
Load Capacitance (on-chip differential)
cL
11
12
13
pF
Crystal Output Capacitance
cO
5pF
Equivalent Series Resistance
rESR
100
Crystal Max Drive Level
dL
100
µW
Table 11. Crystal Specifications for 26 to 30 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
26
30
MHz
Load Capacitance (on-chip differential)
cL
11
12
13
pF
Crystal Output Capacitance
cO
5pF
Equivalent Series Resistance
rESR
75
Crystal Max Drive Level
dL
100
µW


Numéro de pièce similaire - SI5338P-A-GMR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5338P-B-GMR SILABS-SI5338P-B-GMR Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results

Description similaire - SI5338P-A-GMR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com