Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2706-A10-GM Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI2706-A10-GM
Description  EMI MITIGATING 2.1X 5 W CLASS D AUDIO AMPLIFIER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2706-A10-GM Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI2706-A10-GM Datasheet HTML 6Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 7Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 8Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 9Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 10Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 11Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 12Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 13Page - Silicon Laboratories SI2706-A10-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Si2704/05/06/07-A10
10
Rev. 0.6
Figure 2. Reset Timing Parameters for Configuration Mode Select
Table 9. 2-Wire Control Interface Address Selection
CLKO Startup Voltage (Pin
Connection)
2-Wire
Device Address
GND
1001010 (0x94)
VIO (Default)
0011011 (0x36)
Table 10. Reset Timing Characteristics
(VIO = 1.62 to 3.6 V, TA = -20 to +85 °C, unless otherwise noted).
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
CLKO Setup Time to RST
tSRST
100
μs
CLKO Hold Time after RST
THRST
30
ns
tHRST
tSRST
70%
30%
RST
70%
30%
CLKO


Numéro de pièce similaire - SI2706-A10-GM

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
SI2700M100 NTE-SI2700M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M16 NTE-SI2700M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M160 NTE-SI2700M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M200 NTE-SI2700M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M25 NTE-SI2700M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Description similaire - SI2706-A10-GM

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com