Moteur de recherche de fiches techniques de composants électroniques |
|
CSR91B553JA Fiches technique(PDF) 11 Page - Kemet Corporation |
|
CSR91B553JA Fiches technique(HTML) 11 Page - Kemet Corporation |
11 / 38 page KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C (Cont’d) 18.0 C 10 T110C186K050AS 4.5 4 2379 2619 2859 3099 6232 7232 8232 T212C186K050(2)S 18.0 C 20 T110C186M050AS 4.5 4 22.0 D 5 T110D226J050AS 5.5 4 5094 5294 5494 5694 6233 7233 8233 T212D226J050(2)S 22.0 D 10 T110D226K050AS 5.5 4 2380 2620 2860 3100 6234 7234 8234 T212D226K050(2)S 22.0 D 20 T110D226M050AS 5.5 4 2381 2621 2861 3101 6235 7235 8235 T212D226M050(2)S 60 VOLT RATING AT 85°C — 40 VOLT RATING AT 125°C 0.0047 A 5,10,20 T110A472(1)060AS 0.3 3 0.0056 A 5,10,20 T110A562(1)060AS 0.3 3 0.0068 A 5,10,20 T110A682(1)060AS 0.3 3 0.0082 A 5,10,20 T110A822(1)060AS 0.3 3 0.01 A 5,10,20 T110A103(1)060AS 0.3 3 0.012 A 5,10,20 T110A123(1)060AS 0.3 3 0.015 A 5,10,20 T110A153(1)060AS 0.3 3 0.018 A 5,10,20 T110A183(1)060AS 0.3 3 0.022 A 5,10,20 T110A223(1)060AS 0.3 3 0.027 A 5,10,20 T110A273(1)060AS 0.3 3 0.033 A 5,10,20 T110A333(1)060AS 0.3 3 0.039 A 5,10,20 T110A393(1)060AS 0.3 3 0.047 A 5,10,20 T110A473(1)060AS 0.3 3 0.056 A 5,10,20 T110A563(1)060AS 0.3 3 0.068 A 5,10,20 T110A683(1)060AS 0.3 3 0.082 A 5,10,20 T110A823(1)060AS 0.3 3 0.1 A 5,10,20 T110A104(1)060AS 0.5 3 0.12 A 5,10,20 T110A124(1)060AS 0.5 3 0.15 A 5,10,20 T110A154(1)060AS 0.5 3 0.18 A 5,10,20 T110A184(1)060AS 0.5 3 0.22 A 5,10,20 T110A224(1)060AS 0.5 3 0.27 A 5,10,20 T110A274(1)060AS 0.5 3 0.33 A 5,10,20 T110A334(1)060AS 0.5 3 0.39 A 5,10,20 T110A394(1)060AS 0.5 3 0.47 A 5,10,20 T110A474(1)060AS 0.5 3 0.56 A 5,10,20 T110A564(1)060AS 0.5 3 0.68 A 5,10,20 T110A684(1)060AS 0.5 3 0.82 B 5,10,20 T110B824(1)060AS 0.5 3 1.0 B 5,10,20 T110B105(1)060AS 0.5 3 1.2 B 5,10,20 T110B125(1)060AS 0.5 4 1.5 B 5,10,20 T110B155(1)060AS 0.5 4 1.8 B 5,10,20 T110B185(1)060AS 0.5 4 2.2 B 5,10,20 T110B225(1)060AS 1.0 4 2.7 B 5,10,20 T110B275(1)060AS 1.0 4 3.3 B 5,10,20 T110B335(1)060AS 1.5 4 3.9 B 5,10,20 T110B395(1)060AS 1.5 4 4.7 C 5,10,20 T110C475(1)060AS 2.0 4 5.6 C 5,10,20 T110C565(1)060AS 2.0 4 6.8 C 5,10,20 T110C685(1)060AS 3.0 4 8.2 C 5,10,20 T110C825(1)060AS 4.0 4 10.0 C 5,10,20 T110C106(1)060AS 5.0 4 12.0 C 5,10,20 T110C126(1)060AS 5.0 4 15.0 D 5,10,20 T110D156(1)060AS 4.0 4 18.0 D 5,10,20 T110D186(1)060AS 5.0 4 22.0 D 5,10,20 T110D226(1)060AS 6.0 4 75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C 0.0047 A 5,10,20 T110A472(1)075AS 0.3 2 0.0056 A 5,10,20 T110A562(1)075AS 0.3 2 0.0068 A 5,10,20 T110A682(1)075AS 0.3 2 0.0082 A 5,10,20 T110A822(1)075AS 0.3 2 0.01 A 5,10,20 T110A103(1)075AS 0.3 2 TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) 14 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |
Numéro de pièce similaire - CSR91B553JA |
|
Description similaire - CSR91B553JA |