Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA378R12C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KA378R12C
Description  Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA378R12C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KA378R12C_05 Datasheet HTML 1Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 2Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 3Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 4Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 5Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 6Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 7Page - Fairchild Semiconductor KA378R12C_05 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA378R12C
3
Typical Performance Characteristics
Figure 1. Output Voltage vs. Input Voltage
Figure 3. Output Voltage vs. Disable Voltage
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 6. Dropout Voltage vs. Junction Temperature
17.5
25
Input voltage Vin (V)
510
15
15.0
12.5
10.0
7.5
5.0
2.5
0
0
RL=
RL=4
20
Disable voltage Vdis (V)
0
3
0.5
1.5
12
2.5
15.0
12.5
10.0
7.5
5.0
2.5
17.5
0
Junction temperature Tj(
oC)
10
8
6
4
2
0
75
125
025
50
100
-25
100
80
60
40
20
0
0
510
15
20
25
Input voltage Vin (V)
RL=
Temperature Tj(
oC)
12.04
12.02
12.00
12.06
-25
75
125
025
50
100
11.96
11.94
11.92
11.98
Junction temperature Tj(
oC)
125
0.6
0.5
0.4
0.3
0
0.2
0.1
75
025
50
100
-25
Io=3A
2.0A
1.0A
0.5A


Numéro de pièce similaire - KA378R12C_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA378R12CTU FAIRCHILD-KA378R12CTU Datasheet
57Kb / 9P
   Low Dropout Voltage Regulator
More results

Description similaire - KA378R12C_05

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com