Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP401 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce FP401
Description  Very High-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP401 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  FP401 Datasheet HTML 1Page - Sanyo Semicon Device FP401 Datasheet HTML 2Page - Sanyo Semicon Device FP401 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/82494MT (KOTO) BX-0301 No.4632-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N-Channel MOS Silicon FET
Very High-Speed
Switching Applications
Ordering number:EN4632
FP401
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
S
-
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
5
2V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
5
2
=
S
G
0
=0
0
1A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=5
.
15
.
2V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
Y
|V S
D
I
,
V
0
1
=
D
A
m
0
0
2
=0
7
20
0
4S
m
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
SR
)
n
o
(
S
D
ID
V
,
A
m
0
0
2
=
S
G
V
0
1
=8
2
1
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
2
=7
3F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
2
=0
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
2
=4
F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
3s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
4s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
m
0
0
4
=
S
G
0
=0
.
1V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
5
2V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
0
0
4A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
6
.
1A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
0
.
2W
PD
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
1
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2102A
[FP401]
Features
· Low ON resistance.
· Very high-speed switching.
· Composite type with 2 low-voltage-drive N-channel
MOSFETs facilitating high-density mounting.
Electrical Connection
Marking:401
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1 unit
˚C
Electrical Characteristics at Ta=25˚C
Mounted on ceramic board (250mm2
×0.8mm)
1:Gate
2:Drain
3:Source
4:Drain
5:Gate
6:Drain
7:Drain
SANYO:PCP5
(Bottom view)
1:Gate
2:Drain
3:Source
4:Drain
5:Gate
6:Drain
7:Drain
(Top view)
Tc=25˚C, 1 unit
PW
≤10µs, duty cycle ≤1%


Numéro de pièce similaire - FP401

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
   PC Mount: Flat Pack
FP40-150 TRIAD-FP40-150 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-60 TRIAD-FP40-60 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP40-600 TRIAD-FP40-600 Datasheet
53Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Description similaire - FP401

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK1417 SANYO-2SK1417 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1420 SANYO-2SK1420 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1425 SANYO-2SK1425 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1429 SANYO-2SK1429 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1430 SANYO-2SK1430 Datasheet
88Kb / 3P
   Very High-Speed Switching Applications
2SK1432 SANYO-2SK1432 Datasheet
89Kb / 3P
   Very High-Speed Switching Applications
2SK1433 SANYO-2SK1433 Datasheet
87Kb / 3P
   Very High-Speed Switching Applications
2SK1451 SANYO-2SK1451 Datasheet
93Kb / 3P
   Very High-Speed Switching Applications
2SK1463 SANYO-2SK1463 Datasheet
98Kb / 3P
   Very High-Speed Switching Applications
2SK1472 SANYO-2SK1472 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
2SK1724 SANYO-2SK1724 Datasheet
81Kb / 3P
   Very High-Speed Switching Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com