Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC18 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce FC18
Description  High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC18 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  FC18 Datasheet HTML 1Page - Sanyo Semicon Device FC18 Datasheet HTML 2Page - Sanyo Semicon Device FC18 Datasheet HTML 3Page - Sanyo Semicon Device FC18 Datasheet HTML 4Page - Sanyo Semicon Device FC18 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FC18
No.4983-2/5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
T
E
F
[
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
D
-
GV
S
D
G
)
R
B
(
IG
V
,
A
µ
0
1
=
S
D
0
=5
1
–V
t
n
e
r
r
u
C
f
f
o
t
u
C
e
t
a
GI
S
S
G
V S
G
V
,
V
0
1
=
S
D
0
=0
.
1
–A
n
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
5
=
D
A
µ
0
0
1
=3
.
0
–7
.
0
–5
.
1
–V
t
n
e
r
r
u
C
n
i
a
r
DI
S
S
D
V S
D
V
,
V
5
=
S
G
0
=*
0
.
6*
0
.
2
3A
m
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
V
,
V
5
=
S
G
z
H
k
1
=
f
,
0
=0
28
3S
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
V
,
V
5
=
S
G
z
H
M
1
=
f
,
0
=0
.
0
1F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
V
,
V
5
=
S
G
z
H
M
1
=
f
,
0
=9
.
2F
p
e
r
u
g
i
F
e
s
i
o
NF
NV S
D
k
1
=
g
R
,
V
5
=
,
Ω ID
z
H
k
1
=
f
,
A
m
1
=0
.
1B
d
]
R
T
[
t
n
e
r
r
u
C
f
f
o
t
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
3
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=1
.
0A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
6
=
C
A
m
1
=5
3
10
0
4
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
6
=
C
A
m
0
1
=0
0
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
6
=7
.
1F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
5
=
B
A
m
5
=8
0
.
04
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
5
=
B
A
m
5
=8
.
00
.
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
=
E 0
=5
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
=
E
B =∞
0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
=
C 0
=6
V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
1
.
0s
µ
e
m
i
T
e
g
a
r
o
t
Sg
t
s
tt
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
7
.
0s
µ
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2
.
0s
µ
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
Note*:The FC18 is classified by IDSS as follows : (unit:mA)
0
2
1
F
0
.
60
.
0
2
G
0
.
0
10
.
2
3
H
0
.
6
1
Marking:18
IDSS rank:F, G, H
The specifications shown above are for each individual FET or transistor.
Switching Time Test CIrcuit


Numéro de pièce similaire - FC18

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FC1 COOPER-FC1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
logo
Allied Components Inter...
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
   Ferrite Core Chip Inductors
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
Allied Components Inter...
FC10-100K-RC ALLIED-FC10-100K-RC Datasheet
381Kb / 1P
   Ferrite Core Chip Inductors
More results

Description similaire - FC18

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
FC12 SANYO-FC12 Datasheet
153Kb / 5P
   High-Frequency Amp, AM Applications, Low-Frequency Amp
FP201 SANYO-FP201 Datasheet
83Kb / 3P
   High-Frequency Amp, Differential Amp Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
   High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
   High-Frequency Amp, Differential Amp Applications
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
FC156 SANYO-FC156 Datasheet
133Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications?
FC157 SANYO-FC157 Datasheet
147Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications???
FH102 SANYO-FH102 Datasheet
66Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications
2SA1669 SANYO-2SA1669 Datasheet
111Kb / 5P
   High-Frequency Amp Applications???
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
   High-Frequency Amp Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com