Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZD7.5 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce DZD7.5
Description  0.2W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZD7.5 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  DZD7.5 Datasheet HTML 1Page - Sanyo Semicon Device DZD7.5 Datasheet HTML 2Page - Sanyo Semicon Device DZD7.5 Datasheet HTML 3Page - Sanyo Semicon Device DZD7.5 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
71598HA (KT)/31497GI/IR, VR/41096GI/2039TA, TS No.2128-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2128C
DZD2.0 to 24
Silicon Planar Type
0.2W Zener Diodes
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
1148A
[DZD2.0 to 24]
Features
· Reference voltage use.
· Votlage regulators use.
· Power dissipation : P=200mW.
· Voltage range :
±2.5% subdivided.
· High reliability due to planar type.
· Ideally suited for use in hybrid ICs because of ultra
small package.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
0
0
2W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
˚C
˚C
Type No.
Zener Characteristics
Reverse Current
Zener Voltage VZ [V]*
Test
Voltage
VR
Dynamic Resistance
rd [Ω]
f=1kHz
Test
Current
IR
min
max
Sub-
division
min
max
1.85
X
Z
X
Z
X
Z
X
Z
X
Z
X
Z
2.05
1.85
DZD2.0
DZD2.2
DZD2.4
DZD2.7
DZD3.0
DZD3.3
2.15
2.05
2.38
2.28
2.60
2.50
2.90
2.80
3.20
3.10
3.50
1.95
2.15
2.05
2.26
2.16
2.38
2.28
2.50
2.40
2.60
2.50
2.75
2.65
2.90
2.80
3.05
2.95
3.20
3.10
3.35
3.25
3.50
max
[
µA]
[mA]
[V]
typ
100
100
100
100
100
100
110
110
120
120
130
130
1.0
1.0
120
5
5
5
5
5
5
5
5
5
5
5
5
120
120
120
120
120
120
120
50
50
20
20
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
60
60
65
65
70
70
80
80
85
85
90
90
Electrical Connection
1:Anode
2:No Connection
3:Cathode
SANYO:CP
(Top View)
1:Anode
2:No Connection
3:Cathode
Continued on next page.
* : t=30ms
Zener voltage VZ will be subdivided into X, Y, Z at your request.


Numéro de pièce similaire - DZD7.5

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD30 SANYO-DZD30 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD33 SANYO-DZD33 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD36 SANYO-DZD36 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD39 SANYO-DZD39 Datasheet
46Kb / 2P
   0.2W Zener Diodes
More results

Description similaire - DZD7.5

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C2V0S LUGUANG-BZT52C2V0S Datasheet
1Mb / 3P
   0.2W Zener Diode
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com