Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBD7000 Fiches technique(PDF) 3 Page - Infineon Technologies AG

No de pièce SMBD7000
Description  Silicon Switching Diode Array For high-speed switching applications Qualified according AEC Q101
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBD7000 Fiches technique(HTML) 3 Page - Infineon Technologies AG

  SMBD7000_07 Datasheet HTML 1Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 2Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 3Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 4Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 5Page - Infineon Technologies AG SMBD7000_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2007-03-28
3
SMBD7000/MMBD7000...
Reverse current IR = ƒ (TA)
VR = Parameter
0
25
50
75
100
°C
150
TA
1
10
2
10
3
10
4
10
5
10
nA
70 V
25 V
Forward Voltage VF = ƒ (TA)
IF = Parameter
0
0.5
1.0
0
50
100
150
SMBD 7000
EHB00139
V
T
A
V
F
˚C
Ι
F = 100 mA
10 mA
1 mA
0.1 mA
Forward current IF = ƒ (VF)
TA = 25°C
0
0
EHB00137
SMBD 7000
Ι
0.5
1.0
V
1.5
50
100
mA
150
F
F
V
max
typ
Forward current IF = ƒ (TS)
SMBD7000/MMBD7000
0
15
30
45
60
75
90
105 120 °C
150
TS
0
25
50
75
100
125
150
175
200
mA
250


Numéro de pièce similaire - SMBD7000_07

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
   Silicon Switching Diode Array
logo
Infineon Technologies A...
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
   Silicon Switching Diode Array
Mar-10-2004
More results

Description similaire - SMBD7000_07

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
SMBD914 INFINEON-SMBD914_07 Datasheet
72Kb / 6P
   Silicon Switching Diode For high-speed switching applications Qualified according AEC Q101
2007-03-28
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Rohm
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Siemens Semiconductor G...
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com