Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54328DDA Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54328DDA
Description  4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54328DDA Fiches technique(HTML) 5 Page - Texas Instruments

  TPS54328DDA Datasheet HTML 1Page - Texas Instruments TPS54328DDA Datasheet HTML 2Page - Texas Instruments TPS54328DDA Datasheet HTML 3Page - Texas Instruments TPS54328DDA Datasheet HTML 4Page - Texas Instruments TPS54328DDA Datasheet HTML 5Page - Texas Instruments TPS54328DDA Datasheet HTML 6Page - Texas Instruments TPS54328DDA Datasheet HTML 7Page - Texas Instruments TPS54328DDA Datasheet HTML 8Page - Texas Instruments TPS54328DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1
2
3
4
5
6
7
8
SW
GND
VBST
VIN
EN
VFB
VREG5
SS
TPS54328
(DDA)
Exposed
Thermal Pad
TPS54328
www.ti.com
SLVSAN2 – NOVEMBER 2010
DEVICE INFORMATION
DDA PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
EN
1
Enable input control. Active high.
VFB
2
Converter feedback input. Connect to output voltage with feedback resistor divider.
5.5 V power supply output. A capacitor (typical 1 µF) should be connected to GND. VREG5 is not active
VREG5
3
when EN is low.
SS
4
Soft-start control. An external capacitor should be connected to GND.
Ground pin. Power ground return for switching circuit. Connect sensitive SS and VFB returns to GND at
GND
5
a single point.
SW
6
Switch node connection between high-side NFET and low-side NFET.
Supply input for the high-side FET gate drive circuit. Connect 0.1µF capacitor between VBST and SW
VBST
7
pins. An internal diode is connected between VREG5 and VBST.
VIN
8
Input voltage supply pin.
Exposed Thermal
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Must be connected to
Back side
Pad
GND.
Copyright © 2010, Texas Instruments Incorporated
5
Product Folder Link(s) :TPS54328


Numéro de pièce similaire - TPS54328DDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54328DDA TI1-TPS54328DDA Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54328DDAR TI1-TPS54328DDAR Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
More results

Description similaire - TPS54328DDA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com