Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51216RUKR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51216RUKR
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216RUKR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS51216RUKR Datasheet HTML 7Page - Texas Instruments TPS51216RUKR Datasheet HTML 8Page - Texas Instruments TPS51216RUKR Datasheet HTML 9Page - Texas Instruments TPS51216RUKR Datasheet HTML 10Page - Texas Instruments TPS51216RUKR Datasheet HTML 11Page - Texas Instruments TPS51216RUKR Datasheet HTML 12Page - Texas Instruments TPS51216RUKR Datasheet HTML 13Page - Texas Instruments TPS51216RUKR Datasheet HTML 14Page - Texas Instruments TPS51216RUKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
6
8
10
12
14
16
18
20
22
Input Voltage (V)
IVDDQ = 0 A
IVDDQ = 20 A
RMODE = 200 kΩ
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
0.770
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.5 V
0.650
0.655
0.660
0.665
0.670
0.675
0.680
0.685
0.690
0.695
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.35 V
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
−10
−5
0
5
10
VTTREF Current (mA)
VVDDQ = 1.2 V
0.710
0.720
0.730
0.740
0.750
0.760
0.770
0.780
0.790
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
VTT Current (V)
VVDDQ = 1.5 V
0.635
0.645
0.655
0.665
0.675
0.685
0.695
0.705
0.715
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
VTT Current (V)
VVDDQ = 1.35 V
TPS51216
www.ti.com
SLUSAB9 – NOVEMBER 2010
TYPICAL CHARACTERISTICS (continued)
Figure 13. Line Regulation
Figure 14. VTTREF Load Regulation
Figure 15. VTTREF Load Regulation
Figure 16. VTTREF Load Regulation
Figure 17. VTT Load Regulation
Figure 18. VTT Load Regulation
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS51216


Numéro de pièce similaire - TPS51216RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51216RUKR TI1-TPS51216RUKR Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results

Description similaire - TPS51216RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com