Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW33LT1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce BCW33LT1
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW33LT1 Fiches technique(HTML) 4 Page - ON Semiconductor

  BCW33LT1 Datasheet HTML 1Page - ON Semiconductor BCW33LT1 Datasheet HTML 2Page - ON Semiconductor BCW33LT1 Datasheet HTML 3Page - ON Semiconductor BCW33LT1 Datasheet HTML 4Page - ON Semiconductor BCW33LT1 Datasheet HTML 5Page - ON Semiconductor BCW33LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCW33LT1G
http://onsemi.com
4
TYPICAL STATIC CHARACTERISTICS
Figure 8. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 9. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
BCW33LT1
TJ = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 11. Temperature Coefficients
50 mA
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
ms
DUTY CYCLE
≤ 2.0%
IB = 500 mA
400
mA
300
mA
200
mA
100
mA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
-55
°C to 25°C
25
°C to 125°C
-55
°C to 25°C
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
-2.4
0.8
0
-1.6
-0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
Figure 12. Turn−On Time
IC, COLLECTOR CURRENT (mA)
300
Figure 13. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
3.0
1.0
3.0
5.0
7.0
10
20
30
50
70
100
200
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 Vdc
tr
10
20
30
50
70
100
200
300
500
700
2.0
5.0
10
20
30
50
3.0
1.0
7.0
70 100
VCC = 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf


Numéro de pièce similaire - BCW33LT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BCW33LT1 MOTOROLA-BCW33LT1 Datasheet
371Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
BCW33LT1 ONSEMI-BCW33LT1 Datasheet
261Kb / 8P
   General Purpose Transistor(NPN Silicon)?
February, 2003 - Rev. 2
logo
Leshan Radio Company
BCW33LT1 LRC-BCW33LT1 Datasheet
265Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCW33LT1G ONSEMI-BCW33LT1G Datasheet
226Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 6
BCW33LT1G ONSEMI-BCW33LT1G_16 Datasheet
226Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 6
More results

Description similaire - BCW33LT1

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com