Moteur de recherche de fiches techniques de composants électroniques |
|
BYD77GA Fiches technique(PDF) 2 Page - EIC discrete Semiconductors |
|
BYD77GA Fiches technique(HTML) 2 Page - EIC discrete Semiconductors |
2 / 3 page FIG.1 - MAXIMUM PERMISSIBLE AVERAGE FORWARD FIG.2 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE CURRENT AS A FUNCTION OF TIE-POINT TEMPERATURE 0 100 200 0 100 200 TIE-POINT TEMPERATURE, Ttp ( °C) TIE-POINT TEMPERATURE, Ttp ( °C) FIG.3 - MAXIMUM PERMISSIBLE AVERAGE FORWARD FIG.4 - MAXIMUM PERMISSIBLE AVERAGE FORWARD CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE CURRENT AS A FUNCTION OF AMBIENT TEMPERATURE 0 100 200 0 100 200 AMBIENT TEMPERATURE, Tamp ( °C) AMBIENT TEMPERATURE, Tamp ( °C) FIG.5 - MAXIMUM STEADY STATE POWER DISSIPATION FIG.6 - MAXIMUM STEADY STATE POWER DISSIPATION AS A FUNCTION OF AVERAGE FORWARD CURRENT AS A FUNCTION OF AVERAGE FORWARD CURRENT 0 1 2 0 1 2 Page 2 of 3 Rev. 00 : February 13, 2008 RATING AND CHARACTERISTIC CURVES ( BYD77AA - BYD77GA ) 4 3 2 1 0 0 4 3 2 1 0 0 0.4 0.8 1.2 0.4 0.8 1.2 0.2 0.6 1.0 1.0 0.6 0.2 AVERAGE FORWARD OUTPUT CURRENT, IF(AV) (A) a = IF(RMS)/IF(AV) ; VR = VRRMmax ; δ = 0.5 AVERAGE FORWARD OUTPUT CURRENT, IF(AV) (A) a = IF(RMS)/IF(AV) ; VR = VRRMmax ; δ = 0.5 0 1 2 2 1 0 a =3 2.5 2 1.57 1.42 a =3 2.5 2 1.57 1.42 BYD77AA to DA BYD77AA to DA BYD77AA to DA BYD77EA to GA BYD77EA to GA BYD77EA to GA IATF 0060636 SGS TH07/1033 TW00/17276EM TH97/10561QM |
Numéro de pièce similaire - BYD77GA |
|
Description similaire - BYD77GA |