Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS80C58X2XXX-MCA Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce TS80C58X2XXX-MCA
Description  8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C58X2XXX-MCA Fiches technique(HTML) 2 Page - ATMEL Corporation

  TS80C58X2XXX-MCA Datasheet HTML 1Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 2Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 3Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 4Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 5Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 6Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 7Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 8Page - ATMEL Corporation TS80C58X2XXX-MCA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
4431E–8051–04/06
AT/TS8xC54/8X2
The TS80C54/58X2 has 2 software-selectable modes of reduced activity for further reduction in
power consumption. In the idle mode the CPU is frozen while the timers, the serial port and the
interrupt system are still operating. In the power-down mode the RAM is saved and all other
functions are inoperative.
2.
Block Diagram
PDIL40
PLCC44
PQFP44 F1
VQFP44 1.4
ROM (bytes)
EPROM (bytes)
TS80C54X2
TS80C58X2
16k
32k
0
0
TS87C54X2
TS87C58X2
0
0
16k
32k
Timer 0
INT
RAM
256x8
WR
RD
EA/VPP
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0Port 1 Port 2 Port 3
Parallel I/O Ports
IB-bus
PROG
Watch
Dog
(2)
(2)
(1): Alternate function of Port 1
Timer2
(1)
(1)
(2): Alternate function of Port 3
ROM
/EPROM
16/32Kx8


Numéro de pièce similaire - TS80C58X2XXX-MCA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS80C58X2 ATMEL-TS80C58X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS80C58X2 TEMIC-TS80C58X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C58X2 ATMEL-TS80C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
More results

Description similaire - TS80C58X2XXX-MCA

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com