Moteur de recherche de fiches techniques de composants électroniques |
|
BA17805CP Fiches technique(PDF) 2 Page - Rohm |
|
BA17805CP Fiches technique(HTML) 2 Page - Rohm |
2 / 13 page BA78□□Series,BA78M□□Series Technical Note 2/12 www.rohm.com 2009.11 - Rev.B © 2009 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Rating (Ta=25℃) BA78□□CP/FP, BA78M□□CP/FP Parameter Symbol Limits Unit Power supply voltage Vin 35 V Power Dissipation 1 TO220CP-3 Pd1 2 *1 W TO252-3 1 *1 Power Dissipation 2 TO220CP-3 Pd2 22 *2 W TO252-3 10 *2 Output Current BA78□□ Io 1 *3 A BA78□□M 0.5 *3 Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+150 ℃ Operating Junction Temperature Range Tj -40~+150 ℃ *1 Derating in done 16mW/℃(TO220CP-3), 8mW/℃(TO252-3) for temperatures above Ta=25℃ *2 Derating in done 176mW/℃(TO220CP-3), 80mW/℃(TO252-3) for temperatures above Ta=25℃, Mounted on infinity Alminium heat sink. *3 Pd,ASO and Tjmax(150℃) should not be exceeded. ● Operating Conditions(Ta=25℃, Pd should not be exceeded) BA78□□CP/FP BA78M□□CP/FP Parameter Symbol Min. Max. Unit. Parameter Symbol Min. Max. Unit. Input Voltage BA7805 Vin 7.5 25 V Input Voltage BA78M05 Vin 7.5 25 V BA7806 8.5 21 BA78M06 8.5 21 BA7807 9.5 22 BA78M07 9.5 22 BA7808 10.5 23 BA78M08 10.5 23 BA7809 11.5 26 BA78M09 11.5 26 BA7810 12.5 25 BA78M10 12.5 25 BA7812 14.5 27 BA78M12 14.5 27 BA7815 17.5 30 BA78M15 17.5 30 BA7818 21 33 BA78M18 21 33 BA7820 23 33 BA78M20 23 33 BA7824 27 33 BA78M24 27 33 Output Current Io - 1 A Output Current Io - 0.5 A |
Numéro de pièce similaire - BA17805CP |
|
Description similaire - BA17805CP |