Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA178M07FP Fiches technique(PDF) 5 Page - Rohm

No de pièce BA178M07FP
Description  1A Output 78 series Regulators 500mA Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA178M07FP Fiches technique(HTML) 5 Page - Rohm

  BA178M07FP Datasheet HTML 1Page - Rohm BA178M07FP Datasheet HTML 2Page - Rohm BA178M07FP Datasheet HTML 3Page - Rohm BA178M07FP Datasheet HTML 4Page - Rohm BA178M07FP Datasheet HTML 5Page - Rohm BA178M07FP Datasheet HTML 6Page - Rohm BA178M07FP Datasheet HTML 7Page - Rohm BA178M07FP Datasheet HTML 8Page - Rohm BA178M07FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
5/12
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics BA78□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=500mA unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Output Voltage 1
Vo1
05
4.8
5.0
5.2
V
Io=500mA
06
5.75
6.0
6.25
07
6.7
7.0
7.3
08
7.7
8.0
8.3
09
8.6
9.0
9.4
10
9.6
10.0
10.4
12
11.5
12.0
12.5
15
14.4
15.0
15.6
18
17.3
18.0
18.7
20
19.2
20.0
20.8
24
23.0
24.0
25.0
Output Voltage 2
Vo2
05
4.75
-
5.25
V
Vin=7.5~20V, Io=5mA~1A
06
5.7
-
6.3
Vin=8.5~21V, Io=5mA~1A
07
6.65
-
7.35
Vin=9.5~22V, Io=5mA~1A
08
7.6
-
8.4
Vin=10.5~23V, Io=5mA~1A
09
8.55
-
9.45
Vin=11.5~26V, Io=5mA~1A
10
9.5
-
10.5
Vin=12.5~25V, Io=5mA~1A
12
11.4
-
12.6
Vin=15~27V, Io=5mA~1A
15
14.25
-
15.75
Vin=17.5~30V, Io=5mA~1A
18
17.1
-
18.9
Vin=21~33V, Io=5mA~1A
20
19.0
-
21.0
Vin=23~33V, Io=5mA~1A
24
22.8
-
25.2
Vin=27~33V, Io=5mA~1A
Line Regulation 1
Reg.I1
05
-
3
100
mV
Vin=7~25V, Io=500mA
06
-
4
120
Vin=8~25V, Io=500mA
07
-
5
140
Vin=9~25V, Io=500mA
08
-
5
160
Vin=10.5~25V, Io=500mA
09
-
6
180
Vin=11.5~26V, Io=500mA
10
-
7
200
Vin=12.5~27V, Io=500mA
12
-
8
240
Vin=14.5~30V, Io=500mA
15
-
9
300
Vin=17.5~30V, Io=500mA
18
-
10
360
Vin=21~33V, Io=500mA
20
-
12
400
Vin=23~33V, Io=500mA
24
-
15
480
Vin=27~33V, Io=500mA
Line Regulation 2
Reg.I2
05
-
1
50
mV
Vin=8~12V, Io=500mA
06
-
2
60
Vin=9~13V, Io=500mA
07
-
2
70
Vin=10~15V, Io=500mA
08
-
3
80
Vin=11~17V, Io=500mA
09
-
4
90
Vin=13~19V, Io=500mA
10
-
4
100
Vin=14~20V, Io=500mA
12
-
5
120
Vin=16~22V, Io=500mA
15
-
5
150
Vin=20~26V, Io=500mA
18
-
5
180
Vin=24~30V, Io=500mA
20
-
7
200
Vin=26~32V, Io=500mA
24
-
10
240
Vin=30~33V, Io=500mA
Ripple Rejection
R.R.
05
62
78
-
dB
ein=1Vrms, f=120Hz,
Io=100mA
06
59
73
-
07
57
69
-
08
56
65
-
09
56
64
-
10
55
64
-
12
55
63
-
15
54
62
-
18
53
61
-
20
53
60
-
24
50
58
-
Temperature
Coefficient of
Output Voltage
Tcvo
05
-
-1.0
-
mV/℃
Io=5mA, Tj=0~125℃
06/07/08/09/10/12
-
-0.5
-
15/18
-
-0.6
-
20/24
-
-0.7
-
Peak Output Current
Io-p
common
-
1.7
-
A
Tj=25℃
Dropout Voltage
Vd
common
-
2.0
-
V
Io=1A


Numéro de pièce similaire - BA178M07FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA178M07FP ROHM-BA178M07FP Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA178M07FP ROHM-BA178M07FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
More results

Description similaire - BA178M07FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com