Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78S10C Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce L78S10C
Description  2 A positive voltage regulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S10C Fiches technique(HTML) 1 Page - STMicroelectronics

  L78S10C Datasheet HTML 1Page - STMicroelectronics L78S10C Datasheet HTML 2Page - STMicroelectronics L78S10C Datasheet HTML 3Page - STMicroelectronics L78S10C Datasheet HTML 4Page - STMicroelectronics L78S10C Datasheet HTML 5Page - STMicroelectronics L78S10C Datasheet HTML 6Page - STMicroelectronics L78S10C Datasheet HTML 7Page - STMicroelectronics L78S10C Datasheet HTML 8Page - STMicroelectronics L78S10C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
March 2010
Doc ID 2148 Rev 4
1/39
39
L78Sxx
L78SxxC
2 A positive voltage regulators
Features
Output current to 2 A
Output voltages of 5; 7.5; 9; 10; 12; 15; 18; 24 V
Thermal overload protection
Short circuit protection
Output transition SOA protection
Description
The L78Sxx series of three-terminal positive
regulators is available in TO-220 and TO-3
packages and several fixed output voltages,
making it useful in a wide range of applications.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation. Each type
employs internal current limiting, thermal shut-
down and safe area protection, making it
essentially indestructible. If adequate heat sinking
is provided, they can deliver over 2 A output
current. Although designed primarily as fixed
voltage regulators, these devices can be used
with external components to obtain adjustable
voltages and currents.
TO-220
TO-3
Table 1.
Device summary
Part numbers
L78S05
L78S09
L78S12
L78S18
L78S05C
L78S09C
L78S12C
L78S18C
L78S75
L78S10
L78S15
L78S24
L78S75C
L78S10C
L78S15C
L78S24C
www.st.com


Numéro de pièce similaire - L78S10C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L78S10C STMICROELECTRONICS-L78S10C Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S10C STMICROELECTRONICS-L78S10C Datasheet
1Mb / 31P
   2 A positive voltage regulators
L78S10C STMICROELECTRONICS-L78S10C Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
L78S10CT STMICROELECTRONICS-L78S10CT Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S10CT STMICROELECTRONICS-L78S10CT Datasheet
1Mb / 31P
   2 A positive voltage regulators
More results

Description similaire - L78S10C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX Datasheet
1Mb / 31P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39