Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA18211HDC2 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA18211HDC2
Description  DVB-T Silicon Tuner IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HDC2 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA18211HDC2 Datasheet HTML 1Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 2Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 3Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 4Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 5Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 6Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 7Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 8Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
5 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
GND
14
ground
STO
15
slave tuner output
VCC
16
3.3 V supply voltage
CAPREGVCO
17
VCO supply decoupling
VCC
18
3.3 V supply voltage
MASTERSYNC
19
synchronization signal for dual-tuner applications; leave open for
single-tuner applications
CAPFILTVCO
20
VCO reference decoupling
VT_COARSE
21
LO oscillator tuning voltage input
VT_FINE
22
LO oscillator tuning voltage input
GND
23
ground
CP_LO
24
charge pump of the local synthesizer
GND
25
ground
XTALP
26
crystal oscillator input
XTALN
27
crystal oscillator input
FREEZE
28
synchronization signal for multi-tuner applications; leave open for
single-tuner applications
XTOUT_MS
29
XTOUT mode and master/slave selection input
XTOUTP
30
crystal oscillator output buffer
XTOUTN
31
crystal oscillator output buffer
AS
32
I2C-bus address selection input
VCC
33
3.3 V supply voltage
CP_CAL
34
charge pump of the calibration synthesizer
VT_CAL
35
tuning voltage of the calibration synthesizer
GND
36, 37
ground
SCL
38
I2C-bus clock input
SDA
39
I2C-bus data input/output
CAPREG18
40
internal regulator decoupling
GND
41
ground
CAPREG28
42
internal regulator decoupling
GND
43
ground
VCC
44
3.3 V supply voltage
IFOUTN
45
IF output
IFOUTP
46
IF output
V_IFAGC
47
IF gain control input
GND
48 to 50
ground
VSYNC
51
vertical synchronization input for analog applications; connect to
ground for digital applications
CAPREGFILTRF
52
internal regulator decoupling
GND
53 to 64
ground
-
exposed
die
ground
Table 3.
Pin description …continued
Symbol
Pin
Description


Numéro de pièce similaire - TDA18211HDC2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNS NXP-TDA18212HNS Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
More results

Description similaire - TDA18211HDC2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
   Low power DVB / T tuner
Rev. 01-28 August 2007
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com