Moteur de recherche de fiches techniques de composants électroniques |
|
ISL59605IRZ-T7A Fiches technique(PDF) 7 Page - Intersil Corporation |
|
ISL59605IRZ-T7A Fiches technique(HTML) 7 Page - Intersil Corporation |
7 / 27 page ISL59601, ISL59602, ISL59603, ISL59604, ISL59605 7 FN6739.1 November 23, 2010 CMRR Common-mode Rejection Ratio at fIN = 100kHz 0 feet cable -50 dB 2,500 feet cable -35 dB IClamp Input Clamp Current 25 μA OUTPUT CHARACTERISTICS AGC-ACC AGC Accuracy Accuracy of sync tip amplitude relative to 600mV ±0.5 dB IOUT Output Drive Current 40 mA tEN-EQ Enable-to-Equalization On Time 500 ns tDIS-EQ Disable-to-Equalization Off Time 500 ns LOGIC CONTROL PINS VIH Logic High Level 2.0 V VIL Logic Low Level 0.8 V ILOGIC Logic Input Current EQ_DISABLE, FREEZE, SD, SCK, SEN ±10 μA INVERT, COLOR ±500 μA Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P, cable type = Cat 5, cable length = 0 feet, RL = 150Ω (75Ω series + 75Ω load to ground), TA = +25°C, exposed die plate = 0V, unless otherwise specified. Max cable length = 1000 feet for ISL59601, 2000 feet for ISL59602, 3000 feet for ISL59603, 4000 feet for ISL59604, and 5300 feet for ISL59605. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT Serial Timing PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT tCS Serial Enable Deselect Time 10 ns tLEAD Lead Time 10 ns tSU SD, SCK Setup Time 10 ns tH SD, SEN, SCK Hold Time 10 ns tWH SCK High Time 100 ns tWL SCK Low Time 100 ns tRI SD, SEN, SCK Rise Time 10 ns tFI SD, SEN, SCK Fall Time 10 ns tLAG Lag Time 10 ns tV SCK Rising Edge to SD Data Valid Read Operation 10 ns fSCK SCK Frequency 5 MHz |
Numéro de pièce similaire - ISL59605IRZ-T7A |
|
Description similaire - ISL59605IRZ-T7A |