Moteur de recherche de fiches techniques de composants électroniques |
|
9-1437558-2 Fiches technique(PDF) 3 Page - Tyco Electronics |
|
9-1437558-2 Fiches technique(HTML) 3 Page - Tyco Electronics |
3 / 14 page C45 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTB Series Toggle Switches, MT Series, Wire Lug, Decorative Bat Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTB106D Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437558-3 MTB106D SPDT 1 On None On 6-1437558-2 MTB106E SPDT 5 On Off On Alcoswitch Type Act. Code P. M5 MTB106F SPDT 1 On None (On) MTB106G SPDT 5 (On) Off (On) (On) indicates momentary position. .315 (8.00) .512 (13.00) 1/4-40 UNS-2A .120 (3.00) DIA. .600 (15.2) .315 (8.00) .394 (10.00) .170 (4.32) TYP. .157 (4.00) .030 (0.76) 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY DPDT MTB206N .512 (13.00) .512 (13.00) .190 (4.83) TYP. 1/4-40 UNS-2A .120 (3.00) DIA. .600 (15.2) .315 (8.00) .394 (10.00) .170 (4.32) TYP. .157 (4.00) .030 (0.76) TYP. 24 .022 Dp. x .040 W (0.55) Dp. x 1.00 W) KEYWAY 4PDT MTB406N Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437558-6 MTB306D 3PDT 3 On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437558-7 MTB406N 4PDT 4 On None On .701 (17.81) .512 (13.00) .190 (4.83) TYP. 1/4-40 UNS-2A .120 (3.00) DIA. .600 (15.2) .315 (8.00) .492 (12.50) .170 (4.32) TYP. .157 (4.00) .030 (0.76) TYP. 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY 3PDT MTB306D Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437558-4 MTB206N DPDT 2 On None On 6-1437558-5 MTB206P DPDT 6 On Off On Alcoswitch Type Act. Code P. M5 MTB206T DPDT 6 On Off (On) (On) indicates momentary position. .890 (22.60) .512 (13.00) .190 (4.83) TYP. 1/4-40 UNS-2A .120 (3.00) DIA. .600 (15.2) .315 (8.00) .492 (12.50) .170 (4.32) TYP. .157 (4.00) .030 (0.76) TYP. 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY ( .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole |
Numéro de pièce similaire - 9-1437558-2 |
|
Description similaire - 9-1437558-2 |