Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD272P0 Fiches technique(PDF) 5 Page - SHIELD s.r.l.

No de pièce SD272P0
Description  Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

SD272P0 Fiches technique(HTML) 5 Page - SHIELD s.r.l.

  SD272P0 Datasheet HTML 1Page - SHIELD s.r.l. SD272P0 Datasheet HTML 2Page - SHIELD s.r.l. SD272P0 Datasheet HTML 3Page - SHIELD s.r.l. SD272P0 Datasheet HTML 4Page - SHIELD s.r.l. SD272P0 Datasheet HTML 5Page - SHIELD s.r.l. SD272P0 Datasheet HTML 6Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DISTRIBUTION BOXES | SCATOLE DISTRIBUZIONE version 091028
Spiderbox
43-46
www.shield.net
family coding example
esempio codifica famiglia
A+B = SD201P7
control connection = side cable
abbreviations in the drawings: F = female connector, M = male connector, CK = control cable, K = output ways cable
collegamento di controllo = cavo laterale
abbreviazioni nei disegni: F = connettore femmina, M = connettore maschio, CK = cavo controllo, K = cavo vie di uscita
1 block
1 modulo
2 blocks
2 moduli
3 blocks
3 moduli
4 blocks
4 moduli
5 blocks
5 moduli
title
titolo
description
descrizione
....1P7
....2P7
....3P7
....4P7
....5P7
DISTRIBOX®
box with
connectors,
double line
DISTRIBOX®
scatola con
connettori,
doppia fila
output ways
with M12 connector
vie di uscita
con connettore M12
SD20…
see p. 43-6
v. pag. 43-6
as above, but output
with M8 3-pole connector
come sopra, ma uscita
con connettore M8, 3 poli
SD23…
as above, but output
with M8 4-pole connector
come sopra, ma uscita
con connettore M8, 4 poli
SD24...
SPIDERBOX®
box with
cables,
double line
SPIDERBOX®
scatola con
cavi,
doppia fila
output ways
with fixed small cables
vie di uscita
con cavi piccoli fissi
SD27...
output ways
with fixed big cables
vie di uscita
con cavi grandi fissi
title
titolo
description
descrizione
....1P7
....2P7
....3P7
....4P7
....5P7
....6P7
SPIDERBOX®
box with
cables,
single line
SPIDERBOX®
scatola con
cavi,
fila singola
side
control cable;
output ways
with fixed small cables
cavo di controllo
laterale;
vie di uscita
con cavi piccoli fissi
SP17...
title
titolo
description
descrizione
....1N7
....2N7
....3N7
....4N7
....5N7
....6N7
SPIDERBOX®
box with
cables,
single line
SPIDERBOX®
scatola con
cavi,
fila singola
perpendicular
control cable;
output ways
with fixed small cables
cavo di controllo
perpendicolare;
vie di uscita
con cavi piccoli fissi
SP17...
A
B
A
B
A
B


Numéro de pièce similaire - SD272P0

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30B SENSITRON-SD275SA30B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30C SENSITRON-SD275SA30C Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA45A SENSITRON-SD275SA45A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD275SA45B SENSITRON-SD275SA45B Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results

Description similaire - SD272P0

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
M5200 TEC-M5200 Datasheet
177Kb / 7P
   Variety of Pressure Ports and Electrical Configurations
logo
National Instruments Co...
PXI-PCI8331 NI-PXI-PCI8331 Datasheet
584Kb / 3P
   Multichassis configurations for PXI and CompactPCI
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
204Kb / 25P
   16-Bit SDRAM Connection and Access Examples
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
logo
PHOENIX CONTACT
2963501 PHOENIX-2963501 Datasheet
59Kb / 3P
   Socket - SD-D/SP/GY
09/12/2020
logo
Maxim Integrated Produc...
MAX11410EVKIT MAXIM-MAX11410EVKIT Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
logo
PHOENIX CONTACT
2963307 PHOENIX-2963307 Datasheet
65Kb / 3P
   Socket - SD-D/SP/LA
09/12/2020
logo
List of Unclassifed Man...
RCV336ACF ETC1-RCV336ACF Datasheet
4Mb / 66P
   RCV336ACF/SP and RCV144ACF/SP Modem Device
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
Silikron Semiconductor ...
SSFT4002 SILIKRON-SSFT4002 Datasheet
527Kb / 6P
   Special designed for Convertors and power controls
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com