Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2907MX-8EP Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2907MX-8EP
Description  Enhanced Plastic Frequency to Voltage Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2907MX-8EP Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LM2907MX-8EP Datasheet HTML 1Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 2Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 3Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 4Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 5Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 6Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 7Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 8Page - National Semiconductor (TI) LM2907MX-8EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2907EP/LM2917EP
Enhanced Plastic Frequency to Voltage Converter
General Description
The LM2907EP, LP2917EP series are monolithic frequency
to voltage converters with a high gain op amp/comparator
designed to operate a relay, lamp, or other load when the
input frequency reaches or exceeds a selected rate. The
tachometer uses a charge pump technique and offers fre-
quency doubling for low ripple, full input protection in two
versions (LM2907-8EP, LM2917-8EP) and its output swings
to ground for a zero frequency input.
The op amp/comparator is fully compatible with the tachom-
eter and has a floating transistor as its output. This feature
allows either a ground or supply referred load of up to 50 mA.
The collector may be taken above V
CC up to a maximum VCE
of 28V.
The two basic configurations offered include an 8-pin device
with a ground referenced tachometer input and an internal
connection between the tachometer output and the op amp
non-inverting input. This version is well suited for single
speed or frequency switching or fully buffered frequency to
voltage conversion applications.
The more versatile configurations provide differential ta-
chometer input and uncommitted op amp inputs. With this
version the tachometer input may be floated and the op amp
becomes suitable for active filter conditioning of the tachom-
eter output.
Both of these configurations are available with an active
shunt regulator connected across the power leads. The
regulator clamps the supply such that stable frequency to
voltage and frequency to current operations are possible
with any supply voltage and a suitable resistor.
ENHANCED PLASTIC
Extended Temperature Performance of −40˚C to +85˚C
Baseline Control - Single Fab & Assembly Site
Process Change Notification (PCN)
Qualification & Reliability Data
Solder (PbSn) Lead Finish is standard
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
n
Ground referenced tachometer input interfaces directly
with variable reluctance magnetic pickups
n
Op amp/comparator has floating transistor output
n
50 mA sink or source to operate relays, solenoids,
meters, or LEDs
n
Frequency doubling for low ripple
n
Tachometer has built-in hysteresis with either differential
input or ground referenced input
n
Built-in zener on LM2917EP
n ±
0.3% linearity typical
n
Ground referenced tachometer is fully protected from
damage due to swings above V
CC and below ground
Advantages
n
Output swings to ground for zero frequency input
n
Easy to use; V
OUT =fIN xVCC xR1xC1
n
Only one RC network provides frequency doubling
n
Zener regulator on chip allows accurate and stable
frequency to voltage or current conversion (LM2917EP)
Applications
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VIN PART NUMBER
NS PACKAGE NUMBER (Note 3)
LM2907MX-8EP
V62/04635-01
M08A
LM2917MXEP
V62/04635-02
M14A
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) versions, check for availablility: LM2907M-8EP, LM2907MEP, LM2907MXEP, LM2907N-8EP, LM2907NEP
and LM2917M-8EP, LM2917MX-8EP, LM2917MEP, LM2917N-8EP, LM2917NEP. Parts listed with an "X" are provided in Tape & Reel and parts without
an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
June 2004
© 2004 National Semiconductor Corporation
DS200906
www.national.com


Numéro de pièce similaire - LM2907MX-8EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2907MX-8EP TI1-LM2907MX-8EP Datasheet
667Kb / 26P
[Old version datasheet]   LM2907EP / LM2917EP Enhanced Plastic Frequency to Voltage Converter
More results

Description similaire - LM2907MX-8EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2907EP TI1-LM2907EP Datasheet
667Kb / 26P
[Old version datasheet]   LM2907EP / LM2917EP Enhanced Plastic Frequency to Voltage Converter
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com