Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G06GW Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AHCT1G06GW
Description  Inverter with open-drain output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G06GW Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AHCT1G06GW Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G06GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AHC_AHCT1G06_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 7 June 2007
5 of 11
NXP Semiconductors
74AHC1G06; 74AHCT1G06
Inverter with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V.
[2]
Typical values are measured at VCC = 5.0 V.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf = ≤ 3.0 ns. For test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G06
tPZL
OFF-state
to LOW
propagation
delay
A to Y; see Figure 5
VCC = 3.0 V to 3.6 V
[1]
CL = 15 pF
-
3.7
7.0
1.0
7.7
1.0
8.1
ns
CL = 50 pF
-
5.2
10.0
1.0
11.0
1.0
11.5
ns
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
2.7
4.9
1.0
5.3
1.0
5.6
ns
CL = 50 pF
-
3.8
7.0
1.0
7.5
1.0
8.0
ns
tPLZ
LOW to
OFF-state
propagation
delay
A to Y; see Figure 5
VCC = 3.0 V to 3.6 V
[1]
CL = 15 pF
-
4.8
6.4
1.0
6.9
1.0
7.4
ns
CL = 50 pF
-
6.9
10.0
1.0
10.5
1.0
11.0
ns
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
3.0
4.1
1.0
4.6
1.0
5.1
ns
CL = 50 pF
-
4.3
6.5
1.0
7.0
1.0
7.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-3-
-
-
-
-
pF
For type 74AHCT1G06
tPZL
OFF-state
to LOW
propagation
delay
A to Y; see Figure 5
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
3.0
5.3
1.0
6.0
1.0
6.3
ns
CL = 50 pF
-
4.2
7.5
1.0
8.5
1.0
9.0
ns
tPLZ
LOW to
OFF-state
propagation
delay
A to Y; see Figure 5
VCC = 4.5 V to 5.5 V
[2]
CL = 15 pF
-
3.2
4.6
1.0
5.1
1.0
5.6
ns
CL = 50 pF
-
4.5
7.0
1.0
7.5
1.0
8.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[3]
-
4.5
-
-
-
-
-
pF


Numéro de pièce similaire - 74AHCT1G06GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G06GW PHILIPS-74AHCT1G06GW Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
More results

Description similaire - 74AHCT1G06GW

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com