Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA204S-600B Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BTA204S-600B
Description  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA204S-600B Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BTA204S-600B Datasheet HTML 4Page - NXP Semiconductors BTA204S-600B Datasheet HTML 5Page - NXP Semiconductors BTA204S-600B Datasheet HTML 6Page - NXP Semiconductors BTA204S-600B Datasheet HTML 7Page - NXP Semiconductors BTA204S-600B Datasheet HTML 8Page - NXP Semiconductors BTA204S-600B Datasheet HTML 9Page - NXP Semiconductors BTA204S-600B Datasheet HTML 10Page - NXP Semiconductors BTA204S-600B Datasheet HTML 11Page - NXP Semiconductors BTA204S-600B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
9397 750 14862
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 May 2005
8 of 13
Philips Semiconductors
BTA204S series B and C
Three-quadrant triacs high communication
7.
Dynamic characteristics
8.
Package information
Refer to mounting instructions for SOT428 (DPAK) package.
Plastic meets requirements of UL94 V-0 at 1
8 inch.
Table 6:
Dynamic characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BTA204S-600B
BTA204S-800B
BTA204S-600C
BTA204S-800C
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
critical rate of rise of
off-state voltage
VDM = 0.67VDRM(max);
Tj = 125 °C; exponential
waveform; gate open circuit
1000 -
-
1000
V/
µs
dIcom/dt critical rate of change of
commutating current
VDM = 400 V; Tj = 125 °C;
IT(RMS) = 4A;
dVcom/dt = 20 V/µs; gate open
circuit
6
-
-
3
-
-
A/ms
tgt
gate controlled turn-on time ITM = 12 A; VD =VDRM(max);
IG = 0.1 A; dIG/dt = 5 A/µs
-2
--2
-
µs


Numéro de pièce similaire - BTA204S-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA204S-600B PHILIPS-BTA204S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204S-600B WEEN-BTA204S-600B Datasheet
282Kb / 14P
   3Q Hi-Com Triac
More results

Description similaire - BTA204S-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com